Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6294-E/SL Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6294-E/SL
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6294-E/SL Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6294-E/SL Datasheet HTML 15Page - Microchip Technology MCP6294-E/SL Datasheet HTML 16Page - Microchip Technology MCP6294-E/SL Datasheet HTML 17Page - Microchip Technology MCP6294-E/SL Datasheet HTML 18Page - Microchip Technology MCP6294-E/SL Datasheet HTML 19Page - Microchip Technology MCP6294-E/SL Datasheet HTML 20Page - Microchip Technology MCP6294-E/SL Datasheet HTML 21Page - Microchip Technology MCP6294-E/SL Datasheet HTML 22Page - Microchip Technology MCP6294-E/SL Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21812E-page 19
MCP6291/1R/2/3/4/5
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6291
E/P256
0436
MCP6291
E/SN0436
256
8-Lead MSOP
XXXXXX
YWWNNN
6291E
436256
5-Lead SOT-23 (
MCP6291 and MCP6291R)
Example:
XXNN
CJ25
Device
Code
MCP6291
CJNN
MCP6291R
EVNN
Note: Applies to 5-Lead SOT-23
6-Lead SOT-23 (
MCP6283)
Example:
XXNN
CM25
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Device
Code
MCP6293
CMNN
Note: Applies to 6-Lead SOT-23
MCP6291
E/P^^256
0743
MCP6291E
SN^^0743
256
OR
OR
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com