Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6141 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 2Page - Microchip Technology MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP6141/2/3/4
21668A-page 6
2002 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +5V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF,
and VOUT ~VDD/2.
FIGURE 2-13:
Input Bias and Offset
Currents vs. Ambient Temperature.
FIGURE 2-14:
Open Loop Gain, Phase vs.
Frequency with VDD = 5.5V.
FIGURE 2-15:
DC Open Loop Gain vs.
Power Supply Voltage.
FIGURE 2-16:
Quiescent Current Vs.
Power Supply Voltage vs. Temperature.
FIGURE 2-17:
DC Open Loop Gain vs.
Load Resistance vs. Power Supply Voltage.
FIGURE 2-18:
Small Signal DC Open Loop
Gain vs. Output Voltage Headroom vs. Power
Supply.
0
10
20
30
40
50
25
35
45
55
65
75
85
Ambient Temperature (°C)
Input Bias
Current
Input Offset
Current
VCM = VDD
VDD = 5.5 V
-20
0
20
40
60
80
100
120
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
VDD = 5.5 V
60
70
80
90
100
110
120
130
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
RL = 50 k
VOUT = 100 mV to VDD - 100 mV
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
Power Supply Voltage (V)
TA = 85°C
TA = -40°C
TA = 25°C
60
70
80
90
100
110
120
130
140
Load Resistance ( )
100
1k
10k
100k
VDD = 5.5 V
VOUT = 0.5 V to 5.0 V
VDD = 1.4 V
VOUT = 0.5 V to 0.9 V
60
70
80
90
100
110
120
130
140
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Voltage Headroom;
VDD-VOUT or VOUT-VSS (V)
VDD = 1.4 V
VDD = 5.5 V
RL = 50 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com