Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6141 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP6141/2/3/4
21668A-page 10
2002 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
The MCP6141/2/3/4 family of operational amplifiers
are fabricated on Microchip’s state-of-the-art CMOS
process. They are stable for noise gain of 10 V/V or
higher. Microchip also produces a unity gain stable
product, the MCP6041/2/3/4 family, which has similar
specifications. The MCP6041/2/3/4 family has a band-
width of 1.4 kHz at a noise gain of 10 V/V, while the
MCP6141/2/3/4 family has a bandwidth of 10 kHz at a
noise gain of 10 V/V. These devices are suitable for a
wide range of applications requiring very low power
consumption. With these op amps, the power supply
pin needs to be bypassed with a 0.1 µF capacitor.
3.1
Rail-to-Rail Input
The input stage of these devices uses two differential
input stages in parallel; one operates at low VCM (com-
mon mode input voltage) and the other at high VCM.
With this topology, the MCP6141/2/3/4 family operates
with VCM up to 300 mV past either supply rail. The Input
Offset Voltage is measured at both VCM =VSS -0.3V
and VDD + 0.3V to ensure proper operation.
3.2
Output Loads and Battery Life
The MCP6141/2/3/4 op amp family has low quiescent
current, which supports battery-powered applications.
There is minimal quiescent current glitch when chip
select (CS) is raised or lowered. This prevents exces-
sive current draw and reduced battery life when the
part is turned off or on.
Heavy resistive loads at the output can cause exces-
sive battery drain. Driving a DC voltage of 2.5V across
a 100 k
Ω load resistor will cause the supply current to
increase by 25 µA, depleting the battery 43 times as
fast as IQ (0.6 µA typ) alone.
High frequency signals (fast edge rate) across capaci-
tive loads will also significantly increase supply current.
For instance, a 0.1 µF capacitor at the output presents
an AC impedance of 15.9 k
Ω (1/2πfC) to a 100 Hz
sinewave. It can be shown that the average power
drawn from the battery by a 5.0 Vp-p sinewave
(1.77 Vrms) under these conditions is:
EQUATION
This will drain the battery 18 times as fast as IQ alone.
3.3
Rail-to-Rail Output
The MCP6141/2/3/4 family Maximum Output Voltage
Swing defines the maximum swing possible under a
particular output load. According to the specification
table, the output can reach up to 10 mV of either supply
rail with a 50 k
Ω load.
3.4
Input Voltage and Phase Reversal
The MCP6141/2/3/4 op amp family uses CMOS tran-
sistors at the input. It is designed to prevent phase
reversal when the input pins exceed the supply volt-
ages. Figure 2-33 shows an input voltage exceeding
both supplies without output phase reversal.
The maximum operating VCM that can be applied to the
inputs is VSS -0.3V and VDD + 0.3V. Voltage on the
input that exceeds this absolute maximum rating can
cause excessive current to flow in or out of the input
pins. Current beyond ±2 mA can cause possible reli-
ability problems. Applications that exceed this rating
must be externally limited with an input resistor, as
shown in Figure 3-1.
FIGURE 3-1:
An input resistor, RIN,
should be used to limit excessive input current if
the inputs exceed the absolute maximum
specification.
3.5
Stability
The MCP6141/2/3/4 op amp family is designed to give
high bandwidth and faster slew rate for circuits with
high noise (Gn) or signal gain. The related unity-gain
stable MCP6041/2/3/4 op amp family has lower AC
performance, but it is preferable for low noise gain
applications.
Noise gain is defined to be the gain from a voltage
source at the non-inverting input to the output when all
other voltage sources are zeroed (shorted out). Noise
gain is independent of signal gain and depends only on
components in the feedback loop.
PSUPPLY
VDD VSS
–
() IQ VLp p
–
()
+
fCL
()
=
3.0
µW50µW
+
=
5V
() 0.6µA5.0V
pp
–
100Hz 0.1
µF
⋅⋅
+
()
=
RIN
VSS
Minimum expected VIN
()
–
2 mA
----------------------------------------------------------------------------
≥
RIN
Maximum expected VIN
() VDD
–
2 mA
-------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
MCP614X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com