Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C554 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # P87C554
Description  80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C554 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button P87C554 Datasheet HTML 67Page - NXP Semiconductors P87C554 Datasheet HTML 68Page - NXP Semiconductors P87C554 Datasheet HTML 69Page - NXP Semiconductors P87C554 Datasheet HTML 70Page - NXP Semiconductors P87C554 Datasheet HTML 71Page - NXP Semiconductors P87C554 Datasheet HTML 72Page - NXP Semiconductors P87C554 Datasheet HTML 73Page - NXP Semiconductors P87C554 Datasheet HTML 74Page - NXP Semiconductors P87C554 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
Philips Semiconductors
Product data
P87C554
80C51 8-bit microcontroller – 12 clock operation
16K/512 OTP/RAM, 8 channel 10-bit A/D, I2C, PWM,
capture/compare, high I/O
2002 Mar 25
69
2.4V
0.45V
2.0V
0.8V
NOTE:
AC inputs during testing are driven at 2.4V for a logic ‘1’ and 0.45V for a logic ‘0’.
Timing measurements are made at 2.0V for a logic ‘1’ and 0.8V for a logic ‘0’.
Test Points
2.0V
0.8V
SU00215
Figure 54. AC Testing Input/Output
2.4V
NOTE:
The float state is defined as the point at which a port 0 pin sinks 3.2mA or sources 400
µA at the voltage test levels.
2.4V
0.45V
0.45V
Float
2.0V
0.8V
2.0V
0.8V
SU00216
Figure 55. AC Testing Input, Float Waveform
tRD
tSU;STA
tBUF
tSU;STO
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tFD
tRC
tFC
tHIGH
tLOW
tHD;STA
tSU;DAT1
tHD;DAT
tSU;DAT2
tSU;DAT3
START condition
repeated START condition
SDA
(INPUT/OUTPUT)
SCL
(INPUT/OUTPUT)
STOP condition
START or repeated START condition
SU00107A
Figure 56. Timing SIO1 (I2C) Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com