Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C554 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P87C554
Description  80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C554 Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C554 Datasheet HTML 1Page - NXP Semiconductors P87C554 Datasheet HTML 2Page - NXP Semiconductors P87C554 Datasheet HTML 3Page - NXP Semiconductors P87C554 Datasheet HTML 4Page - NXP Semiconductors P87C554 Datasheet HTML 5Page - NXP Semiconductors P87C554 Datasheet HTML 6Page - NXP Semiconductors P87C554 Datasheet HTML 7Page - NXP Semiconductors P87C554 Datasheet HTML 8Page - NXP Semiconductors P87C554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Philips Semiconductors
Product data
P87C554
80C51 8-bit microcontroller – 12 clock operation
16K/512 OTP/RAM, 8 channel 10-bit A/D, I2C, PWM,
capture/compare, high I/O
2002 Mar 25
2
ORDERING INFORMATION
OTP/EPROM
TEMPERATURE
°C AND PACKAGE
FREQ.
(MHz)
DRAWING NUMBER
P87C554SBAA
0 to +70, Plastic Leaded Chip Carrier
16
SOT188–3
P87C554SFAA
–40 to +85, Plastic Leaded Chip Carrier
16
SOT188–3
PART NUMBER DERIVATION
DEVICE NUMBER (P87C554)
OPERATING FREQUENCY MAX (S)
TEMPERATURE RANGE (B)
PACKAGE (AA)
P87C554 OTP
S = 16 MHz
B= 0
_C to 70 _C
F = –40
_C to +85 _C
AA = PLCC
BLOCK DIAGRAM
CPU
ADC
8-BIT INTERNAL BUS
16
P0
P1
P2
P3
TxD
RxD
P5
P4
CT0I-CT3I
T2
RT2
CMSR0-CMSR5
CMT0, CMT1
RST
EW
XTAL1
XTAL2
EA
ALE
PSEN
WR
RD
T0
T1
INT0
INT1
VDD
VSS
PWM0
PWM1
AVSS
AVDD
AVREF
–+
STADC
ADC0-7 SDA
SCL
3
3
3
3
3
3
0
2
1
1
1
4
1
1
5
0
1
2
ALTERNATE FUNCTION OF PORT 0
3
4
5
AD0-7
A8-15
3
3
16
T0, T1
TWO 16-BIT
TIMER/EVENT
COUNTERS
PROGRAM
MEMORY
16k x 8
OTP/ROM
DATA
MEMORY
512 x 8 RAM
DUAL
PWM
SERIAL
I2C PORT
80C51 CORE
EXCLUDING
ROM/RAM
PARALLEL I/O
PORTS AND
EXTERNAL BUS
SERIAL
UART
PORT
8-BIT
PORT
FOUR
16-BIT
CAPTURE
LATCHES
T2
16-BIT
TIMER/
EVENT
COUNTERS
T2
16-BIT
COMPARA-
TORS
WITH
REGISTERS
COMPARA-
TOR
OUTPUT
SELECTION
T3
WATCHDOG
TIMER
ALTERNATE FUNCTION OF PORT 1
ALTERNATE FUNCTION OF PORT 2
ALTERNATE FUNCTION OF PORT 3
ALTERNATE FUNCTION OF PORT 4
ALTERNATE FUNCTION OF PORT 5
SU00951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com