Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6715L Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6715L
Description  Low Cost 1 Stereo Input and 1 Stereo Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715L Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6715L Datasheet HTML 1Page - MOSA ELECTRONICS MS6715L Datasheet HTML 2Page - MOSA ELECTRONICS MS6715L Datasheet HTML 3Page - MOSA ELECTRONICS MS6715L Datasheet HTML 4Page - MOSA ELECTRONICS MS6715L Datasheet HTML 5Page - MOSA ELECTRONICS MS6715L Datasheet HTML 6Page - MOSA ELECTRONICS MS6715L Datasheet HTML 7Page - MOSA ELECTRONICS MS6715L Datasheet HTML 8Page - MOSA ELECTRONICS MS6715L Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MOSA
MS6715L
Low Cost 1 Stereo Input / 1 Stereo Output Audio Processor
REV 2
2/13
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
TREB_L
NC
TREB_R
19
18
17
20
2
3
4
1
SCL
SDA
DGND
OUT_L
REF
VDD
AGND
OUT_R
BOUT_R
BIN_R
BOUT_L
BIN_L
LIN
NC
LOUD_L
LOUD_R
RIN
15
14
13
16
6
7
8
5
11
12
10
9
MS6715L
SSOP20
REF
1
Analog Reference Voltage(1/2VDD)
VDD
2
Supply Input Voltage
AGND
3
Analog Ground
TREB_L
4
Left Channel Input for Treble Controller
TREB_R
5
Right Channel Input for Treble Controller
RIN
6
Right Channel Input
LOUD_R
7
Right Channel Loudness Input
NC
8
No Connected
LOUD_L
9
Left Channel Loudness Input
NC
10
No Connected
LIN
11
Left Channel Input
BIN_L
12
Left Bass Controller Input Channel
BOUT_L
13
Left Bass Controller Output Channel
BIN_R
14
Right Bass Controller Input Channel
BOUT_R
15
Right Bass Controller Output Channel
OUT_R
16
Right Speaker Output
OUT_L
17
Left Speaker Output
DGND
18
Digital Ground
SDA
19
I
2C Data Input
SCL
20
I
2C Clock Input
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
20-Pin SSOP (lead free)
MS6715SSLTR
MS6715L
2.5k Units Tape and Reel
20-Pin SSOP (lead free)
MS6715SSLU
MS6715L
56 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6.5
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SSOP20
210
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com