Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6715L Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6715L
Description  Low Cost 1 Stereo Input and 1 Stereo Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715L Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6715L Datasheet HTML 1Page - MOSA ELECTRONICS MS6715L Datasheet HTML 2Page - MOSA ELECTRONICS MS6715L Datasheet HTML 3Page - MOSA ELECTRONICS MS6715L Datasheet HTML 4Page - MOSA ELECTRONICS MS6715L Datasheet HTML 5Page - MOSA ELECTRONICS MS6715L Datasheet HTML 6Page - MOSA ELECTRONICS MS6715L Datasheet HTML 7Page - MOSA ELECTRONICS MS6715L Datasheet HTML 8Page - MOSA ELECTRONICS MS6715L Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSA
MS6715L
Low Cost 1 Stereo Input / 1 Stereo Output Audio Processor
REV 2
1/13
www.mosanalog.com
Low Cost 1 Stereo Input and 1 Stereo Output
Volume, Tone, Balance, Loudness Function.
FEATURES
•Operation range : 2.7V~6.5V
•2 independent speaker controls for balance
•Tone controls (treble and bass)
•Loudness and independent mute function
•Volume control in 1.25 dB/step
•I
2C interface
•Components less and good PSRR
•Housed in SSOP20 package
‧ Cost efficient.
APPLICATIONS
•Portable audio device
•Car stereo audio
•Hi-Fi audio system
DESCRIPTION
The MS6715L is a 1 stereo inputs/2-channel outputs digital control audio processor for the low voltage operation.
Volume, tone (bass and treble), and balance (left/right) processor are incorporated into a single chip. The MS6715L
also has the loudness function. These functions can be built a Hi-Fi audio system easily. All functions are
programmable via the serial I
2C bus.
The default states of the chip as the power is on are: the volume is -78.75dB, all the speakers are mute and the gains of
the bass and the treble are 0dB.
BLOCK DIAGRAM
RIN
Treble
Bass
Bass
Treble
LIN
R
B
R
B
LOUD_R
TREB_R
BOUT_R BIN_R
LOUD_L
TREB_L
BOUT_L BIN_L
7
4
5
11
6
9
13
14
15
12
Volume &
Londness
Volume &
Londness
Supply
REF
AVDD AGND
1
2
3
Speaker
ATT
Mute
Speaker
ATT
Mute
Serial Bus Decoder and Latches
SCL
SDA
DGND
OUT_L
OUT_R
18
19
17
16
20


Similar Part No. - MS6715L

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6715 MOSA-MS6715 Datasheet
386Kb / 13P
1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6715 MOSA-MS6715 Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715GTR MOSA-MS6715GTR Datasheet
386Kb / 13P
1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6715GTR MOSA-MS6715GTR Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
MS6715GU MOSA-MS6715GU Datasheet
386Kb / 13P
1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
More results

Similar Description - MS6715L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
2-Input / 1-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
3-Input / 1-Output Stereo Audio Selector
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
4-Input / 1-Output Stereo Audio Selector
logo
MOSA ELECTRONICS
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6715 MOSA-MS6715_1 Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
MOSA ELECTRONICS
MS6714L MOSA-MS6714L Datasheet
662Kb / 14P
Low Cost 4 Stereo Inputs and 1 Stereo Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com