Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-I/SP Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 3Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 4Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 5Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 6Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 7Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 8Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 9Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 10Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 5
PIC16F7X
1.0
DEVICE OVERVIEW
This document contains device specific information
about the following devices:
• PIC16F73
• PIC16F74
• PIC16F76
• PIC16F77
PIC16F73/76 devices are available only in 28-pin pack-
ages, while PIC16F74/77 devices are available in
40-pin and 44-pin packages. All devices in the
PIC16F7X family share common architecture, with the
following differences:
• The PIC16F73 and PIC16F76 have one-half of
the total on-chip memory of the PIC16F74 and
PIC16F77
• The 28-pin devices have 3 I/O ports, while the
40/44-pin devices have 5
• The 28-pin devices have 11 interrupts, while the
40/44-pin devices have 12
• The 28-pin devices have 5 A/D input channels,
while the 40/44-pin devices have 8
• The Parallel Slave Port is implemented only on
the 40/44-pin devices
The available features are summarized in Table 1-1.
Block diagrams of the PIC16F73/76 and PIC16F74/77
devices are provided in Figure 1-1 and Figure 1-2,
respectively. The pinouts for these device families are
listed in Table 1-2 and Table 1-3.
Additional information may be found in the PICmicro™
Mid-Range Reference Manual (DS33023), which may
be obtained from your local Microchip Sales Represen-
tative or downloaded from the Microchip website. The
Reference Manual should be considered a complemen-
tary document to this data sheet, and is highly recom-
mended reading for a better understanding of the device
architecture and operation of the peripheral modules.
TABLE 1-1:
PIC16F7X DEVICE FEATURES
Key Features
PIC16F73
PIC16F74
PIC16F76
PIC16F77
Operating Frequency
DC - 20 MHz
DC - 20 MHz
DC - 20 MHz
DC - 20 MHz
RESETS (and Delays)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
FLASH Program Memory
(14-bit words)
4K
4K
8K
8K
Data Memory (bytes)
192
192
368
368
Interrupts
11
12
11
12
I/O Ports
Ports A,B,C
Ports A,B,C,D,E
Ports A,B,C
Ports A,B,C,D,E
Timers
333
3
Capture/Compare/PWM Modules
2
2
2
2
Serial Communications
SSP, USART
SSP, USART
SSP, USART
SSP, USART
Parallel Communications
—
PSP
—
PSP
8-bit Analog-to-Digital Module
5 Input Channels 8 Input Channels 5 Input Channels 8 Input Channels
Instruction Set
35 Instructions
35 Instructions
35 Instructions
35 Instructions
Packaging
28-pin DIP
28-pin SOIC
28-pin SSOP
28-pin MLF
40-pin PDIP
44-pin PLCC
44-pin TQFP
28-pin DIP
28-pin SOIC
28-pin SSOP
28-pin MLF
40-pin PDIP
44-pin PLCC
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com