Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-I/SP Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 88Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 89Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 90Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 91Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 92Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 93Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 94Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 95Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 174 page
background image
PIC16F7X
DS30325B-page 90
 2002 Microchip Technology Inc.
REGISTER 12-1:
CONFIGURATION WORD (ADDRESS 2007h)(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
—
—
—BOREN
—
CP0 PWRTEN WDTEN FOSC1 FOSC0
bit13
bit0
bit 13-7
Unimplemented: Read as ‘1’
bit 6
BOREN: Brown-out Reset Enable bit
1
= BOR enabled
0
= BOR disabled
bit 5
Unimplemented: Read as ‘1’
bit 4
CP0: FLASH Program Memory Code Protection bit
1
= Code protection off
0
= All memory locations code protected
bit 3
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTEN: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1: The erased (unprogrammed) value of the configuration word is 3FFFh.
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com