Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-I/SP Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 125Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 126Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 127Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 128Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 129Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 130Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 131Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 132Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 127
PIC16F7X
FIGURE 15-5:
CLKOUT AND I/O TIMING
TABLE 15-2:
CLKOUT AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 15-3 for load conditions.
OSC1
CLKOUT
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL
OSC1
↑ to CLKOUT↓
—
75
200
ns
(Note 1)
11*
TosH2ckH
OSC1
↑ to CLKOUT↑
—
75
200
ns
(Note 1)
12*
TckR
CLKOUT rise time
—
35
100
ns
(Note 1)
13*
TckF
CLKOUT fall time
—
35
100
ns
(Note 1)
14*
TckL2ioV
CLKOUT
↓ to Port out valid
——
0.5TCY + 20
ns
(Note 1)
15*
TioV2ckH
Port in valid before CLKOUT
↑
TOSC + 200
——
ns
(Note 1)
16*
TckH2ioI
Port in hold after CLKOUT
↑
0
——
ns
(Note 1)
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port out valid
—
100
255
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port input invalid (I/O in
hold time)
Standard (F)100
——
ns
Extended (LF)200
——
ns
19*
TioV2osH
Port input valid to OSC1
↑ (I/O in setup time)
0
——
ns
20*
TioR
Port output rise time
Standard (F)
—
10
40
ns
Extended (LF)
——
145
ns
21*
TioF
Port output fall time
Standard (F)
—
10
40
ns
Extended (LF)
——
145
ns
22††*
Tinp
INT pin high or low time
TCY
——
ns
23††*
Trbp
RB7:RB4 change INT high or low time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
†† These parameters are asynchronous events, not related to any internal clock edges.
Note
1: Measurements are taken in RC mode, where CLKOUT output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com