Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9302B Datasheet(PDF) 16 Page - Silan Microelectronics Joint-stock

Part # SC9302B
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302B Datasheet(HTML) 16 Page - Silan Microelectronics Joint-stock

Back Button SC9302B Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 20Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
16
11. DOUT BCD CODE
When dialing, the corresponding 4-bit BCD codes are serially presented on DOUT from MSB to LSB. The data of
the DOUT is valid at the falling edge of the CLOCK pin. The following table lists the BCD codes corresponding to the
keyboard input.
Key-In
BCD Code
Key-In
BCD Code
1
0001
8
1000
2
0010
9
1001
3
0011
0
1010
4
0100
*/T
1101
5
0101
#
1100
6
0110
F
1011
7
0111
P
1110
12. LOCK FUNCTION
The function aims to detect locked dialing number to prevent a long distance call. The dialing output of the chip is
disabled if the first input key after on-off-hook is the locked number when the lock function is enabled. The lock
function selection is listed below.
The SC9302X version is the pin-selected type; on the other hand, the SC9302XLT is the key-board operated type.
However, the SC9302XT version does not support any lock function.
• SC9302X VERSION
LOCK Pin
Function
OPEN
Normal dialing (no lock)
V
DD
“0, 9” is inhibited
Vss
“0” is inhibited
• SC9302XLT VERSION
RK31
RK41
Function
No
No
Keyboard operated IDD lock
No
Yes
Lock 0
Yes
No
Lock 0,9
Yes
Yes
All keys are locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com