Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9302B Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC9302B
Description  1-MEMORY/2-MEMORY TONE/PULSE DIALER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9302B Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC9302B Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9302B Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Silan
Semiconductors
SC9302 Series
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.0
2001-11-01
7
PULSE MODE ELECTRICAL CHARACTERISTICS
(Tamb=25
°C, fosc=3.5795MHz,unless otherwise specified)
Test Conditions
Parameter
Symbol
VDD
Condition
Min
Typ
Max
Unit
PO Output Source Current
I
POH
2.5V
V
OH =2V
-0.2
--
--
mA
PO Output Sink Current
I
POL
2.5V
V
OL =0.5V
0.2
0.6
--
mA
MODE pin is
connected to V
DD
--
10
--
Pulse Rate
PR
--
MODE pin is opened.
--
20
--
pps
A resistor is linked
between
2
R and 1
C .
--
33:66
--
Make/Break Ratio
M/B
--
No resistor is linked
between
2
R and 1
C .
--
40:60
--
%
M/B ratio =40:60
--
40(10pps)
20(20pps)
--
Pre-digit-pause Time
T
PDP
--
M/B ratio =33:66
--
33(10pps)
17(20pps)
--
ms
Pulse rate =10pps
--
800
--
Inter-digit-pause Time
T
IDP
--
Pulse rate =20pps
--
500
--
ms
A resistor is linked
between
2
R and 1
C .
--
33(10pps)
17(20pps)
--
Pulse Make Duration
T
M
--
No resistor is linked
between
2
R and 1
C .
--
40(10pps)
20(20pps)
--
ms
A resistor is linked
between
2
R and 1
C .
--
66(10pps)
33(20pps)
--
Pulse Break Duration
T
B
--
No resistor is linked
between
2
R and 1
C .
--
60(10ps)
30(20pps)
--
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com