Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM641-HD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RM641-HD Datasheet

  • # Example questions: ➢ What is the maximum power output of the included power supply, and are there options for upgrading to a higher wattage psu?
    ➢ How many sata 0 drive bays are available, and what other storage options are present (e.g., m.2)?
    ➢ What types of memory are supported by this motherboard, and what is the maximum amount of ram it can accommodate?

  • Part No.RM641-HD
    ManufacturerDFI
    Size584 Kbytes
    Pages3 pages
    Description4th Gen Intel Core Processor Rackmount Box PC
    Datasheet Summary with AI

    1. General Overview:

    ️· Model: DFI RM641-HD
    ️· Type: 4U Rackmount System
    ️· Website: [https://www.dfi.com/](https://www.dfi.com/)
    ️· Note: DFI reserves the right to change specifications.

    2. Processor Options (Chipset Dependent):

    ️· Supports a wide variety of Intel processors:
    - Intel Core i7, i5, i3 (various generations - details not specified)
    - Intel Pentium G3420/G3320TE
    - Intel Celeron G1820TE

    3. System Components:

    ️· Chipset: Intel H81
    ️· Memory:
    - Dual 240-pin DIMM slots
    - Supports up to 16GB of DDR3 1333/1600MHz memory
    ️· BIOS: AMI SPI 64Mbit

    4. Graphics:

    ️· Controller: Intel HD Graphics (integrated)
    ️· Display Outputs: 1 VGA, 1 DVI-I (supports up to 1920x1200 @ 60Hz)
    ️· Dual Display Support: VGA + DVI-I

    5. Storage:

    ️· 3 x 5.25" Optical Drive Bays (front accessible)
    ️· 1 x 3.5"/2.5" SATA 3.0 Drive Bay (front accessible)

    6. Expansion Slots:

    ️· 1 x PCIe x16 (Gen 3)
    ️· 1 x PCIe x4 (Gen 3) (operates at x1)
    ️· 4 x PCI slots
    ️· 2 x ISA slots

    7. Networking:

    ️· 2 x Intel Gigabit Ethernet ports (RJ45) – Intel 82574 and Intel I217LM

    8. Audio:

    ️· Realtek ALC886 audio codec
    ️· Audio Outputs: Line-out, Line-in, Microphone-in

    9. Front Panel I/O:

    ️· 2 x USB 2.0 ports (available upon request)
    ️· Drive Panel Door with Keylock
    ️· Power Button
    ️· Reset Button

    10. Rear Panel I/O:

    ️· 2 x USB 3.0 ports
    ️· 4 x USB 2.0 ports
    ️· PS/2 (mini-DIN-6) port
    ️· Audio ports (Line-out, Line-in, Mic-in)

    11. Power:

    ️· ATX Power Supply: 500W (or optional 300W)
    ️· Input Voltage: 100-240V AC

    12. Physical Characteristics:

    ️· Dimensions: 483mm (W) x 177mm (H) x 451mm (D)
    ️· Weight: 21.7 kg

    13. Environmental:

    ️· Operating Temperature: 0°C to 45°C
    ️· Storage Temperature: -20°C to 60°C
    ️· Relative Humidity: 0% to 90% (non-condensing)

    14. Certifications:

    ️· CE
    ️· FCC Class A
    ️· RoHS

    15. Optional Items (Available Separately):

    ️· CPU (LGA1150 socket)
    ️· Memory (DDR3L)
    ️· HDDs/SSDs
    ️· Power Supply
    ️· Cables
    ️· Brackets for different drive sizes

    1. General Overview:

    ️· Model: DFI RM641-HD
    ️· Type: 4U Rackmount System
    ️· Website: [https://www.dfi.com/](https://www.dfi.com/)
    ️· Note: DFI reserves the right to change specifications.

    2. Processor Options (Chipset Dependent):

    ️· Supports a wide variety of Intel processors:
    - Intel Core i7, i5, i3 (various generations - details not specified)
    - Intel Pentium G3420/G3320TE
    - Intel Celeron G1820TE

    3. System Components:

    ️· Chipset: Intel H81
    ️· Memory:
    - Dual 240-pin DIMM slots
    - Supports up to 16GB of DDR3 1333/1600MHz memory
    ️· BIOS: AMI SPI 64Mbit

    4. Graphics:

    ️· Controller: Intel HD Graphics (integrated)
    ️· Display Outputs: 1 VGA, 1 DVI-I (supports up to 1920x1200 @ 60Hz)
    ️· Dual Display Support: VGA + DVI-I

    5. Storage:

    ️· 3 x 5.25" Optical Drive Bays (front accessible)
    ️· 1 x 3.5"/2.5" SATA 3.0 Drive Bay (front accessible)

    6. Expansion Slots:

    ️· 1 x PCIe x16 (Gen 3)
    ️· 1 x PCIe x4 (Gen 3) (operates at x1)
    ️· 4 x PCI slots
    ️· 2 x ISA slots

    7. Networking:

    ️· 2 x Intel Gigabit Ethernet ports (RJ45) – Intel 82574 and Intel I217LM

    8. Audio:

    ️· Realtek ALC886 audio codec
    ️· Audio Outputs: Line-out, Line-in, Microphone-in

    9. Front Panel I/O:

    ️· 2 x USB 2.0 ports (available upon request)
    ️· Drive Panel Door with Keylock
    ️· Power Button
    ️· Reset Button

    10. Rear Panel I/O:

    ️· 2 x USB 3.0 ports
    ️· 4 x USB 2.0 ports
    ️· PS/2 (mini-DIN-6) port
    ️· Audio ports (Line-out, Line-in, Mic-in)

    11. Power:

    ️· ATX Power Supply: 500W (or optional 300W)
    ️· Input Voltage: 100-240V AC

    12. Physical Characteristics:

    ️· Dimensions: 483mm (W) x 177mm (H) x 451mm (D)
    ️· Weight: 21.7 kg

    13. Environmental:

    ️· Operating Temperature: 0°C to 45°C
    ️· Storage Temperature: -20°C to 60°C
    ️· Relative Humidity: 0% to 90% (non-condensing)

    14. Certifications:

    ️· CE
    ️· FCC Class A
    ️· RoHS

    15. Optional Items (Available Separately):

    ️· CPU (LGA1150 socket)
    ️· Memory (DDR3L)
    ️· HDDs/SSDs
    ️· Power Supply
    ️· Cables
    ️· Brackets for different drive sizes

    Part No.RM641-HD
    ManufacturerDFI
    Size584 Kbytes
    Pages3 pages
    Description4th Gen Intel Core Processor Rackmount Box PC