Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM641-HD Datasheet(PDF) 3 Page - DFI Inc

Part # RM641-HD
Description  4th Gen Intel Core Processor Rackmount Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-HD Datasheet(HTML) 3 Page - DFI Inc

  RM641-HD Datasheet HTML 1Page - DFI Inc RM641-HD Datasheet HTML 2Page - DFI Inc RM641-HD Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
Optional Items
Packing List
Model Name
Part Number
Description
RM641-HD
750-RM6411-200G RM641-HD620, 4U Rackmount System, HD620-H81, 2 LAN, 2 COM, 6 USB, 7 Expansion
Slots, ATX PS/2 500W, RoHS
Optional Items
Part Number
Description
CPU
785-1150DL
CPU, LGA1150, Long-Term Support, RoHS
Memory
785-RLOD38G-L
DIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 8GB, RoHS
785-RLOD34G-L
DIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 4GB, RoHS
785-RLOD32G
DIMM, DDR3 Module, 2GB, RoHS
HDD
785-H351T0B
3.5” SATA HDD, 1TB, RoHS
785-H35500G
3.5” SATA HDD, 500GB, RoHS
785-H25500G
2.5” SATA HDD, 500GB, RoHS
HDD Bracket
622-050050-000G
5.25" to 3.5" HDD Bracket
SSD Bracket
A31-028264-000G
3.5" to 2.5" SSD Bracket
Power Supply
671-330005-000G
ATX PS/2, 300W, 24pin, RoHS
671-350001-000G
ATX PS/2, 500W, 100~240V, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
RM641-HD
• 1 RM641-HD System Unit
(including HD620-H81 MB, CPU cooler, ATX 500W PSU)
• 1 SATA Cable
• 1 Quick Installation Guide
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 23, 2020 DFI Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com