Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM641-HD Datasheet(PDF) 1 Page - DFI Inc

Part # RM641-HD
Description  4th Gen Intel Core Processor Rackmount Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-HD Datasheet(HTML) 1 Page - DFI Inc

  RM641-HD Datasheet HTML 1Page - DFI Inc RM641-HD Datasheet HTML 2Page - DFI Inc RM641-HD Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM641-HD
Panel
4th Gen Intel® CoreProcessor
Rackmount Box PC
Dimensions
Features
• 4th Gen Intel Core Rackmount 4U Box PC
• Up to 1x 3.5"/2.5" SATA drive bays and 3x optical drive bays
• Front-accessible system fan and USB interfaces
• Supports 7 expansion slots:
1 PCIe x16, 1 PCIe x4, 4 PCI, 2 ISA
• Designed for industrial server application
H81
Front View
Rear View
Power Button
Line-in/Line-out/
Mic-in
USB 2.0
PS/2
KB/MS
DVI
LAN
1-2
USB
3.0
Expansion
Slots
COM
VGA
USB
2.0
429.80
H.D.D.
POWER
POWER
RESET
482.60
464.60
Top View
Front View
Rear View
Right View


Similar Part No. - RM641-HD

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RM641-CS DFI-RM641-CS Datasheet
669Kb / 4P
9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
RM641-CS632 DFI-RM641-CS632 Datasheet
669Kb / 4P
9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
RM641-SD DFI-RM641-SD Datasheet
597Kb / 3P
6th Gen Intel Cor Processor Rackmount Box PC
More results

Similar Description - RM641-HD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX322-882-FL AXIOMTEK-TBOX322-882-FL_17 Datasheet
574Kb / 2P
Fanless Embedded System with 4th Gen Intel Core Processor for Railway PC
logo
DFI Inc
DT122-HD DFI-DT122-HD Datasheet
934Kb / 4P
4th Gen Intel Core Desktop Box PC
HM960-HM86 DFI-HM960-HM86 Datasheet
1,013Kb / 2P
4th Gen Intel Core COM ExpressBasic
HU551 DFI-HU551 Datasheet
1Mb / 2P
4th Gen Intel Core 3.5
RM641-SD DFI-RM641-SD Datasheet
597Kb / 3P
6th Gen Intel Cor Processor Rackmount Box PC
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WM342-KD331 DFI-WM342-KD331 Datasheet
488Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
logo
Adlink Technology Inc.
IMB-M42H ADLINK-IMB-M42H Datasheet
540Kb / 1P
Industrial ATX Motherboard with 4th Gen Intel Core Pentium Processor
logo
DFI Inc
ES520-HU DFI-ES520-HU Datasheet
1Mb / 2P
4th Gen Intel Core Desktop Box PC
DT122-SD DFI-DT122-SD Datasheet
853Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com