Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM641-HD Datasheet(PDF) 2 Page - DFI Inc

Part # RM641-HD
Description  4th Gen Intel Core Processor Rackmount Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-HD Datasheet(HTML) 2 Page - DFI Inc

  RM641-HD Datasheet HTML 1Page - DFI Inc RM641-HD Datasheet HTML 2Page - DFI Inc RM641-HD Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM641-HD
Specifications
SYSTEM
Processor
LGA 1150 Socket
4th Generation Intel® Core™ Processors
Intel® Core™ i7-4790S Processor (8M Cache, up to 4.0 GHz); 65W
Intel® Core™ i7-4770S Processor (8M Cache, up to 3.9 GHz); 65W
Intel® Core™ i7-4770TE Processor (8M Cache, up to 3.3 GHz); 45W
Intel® Core™ i5-4590S Processor (6M Cache, up to 3.7 GHz); 65W
Intel® Core™ i5-4590T Processor (6M Cache, up to 3.0 GHz); 35W
Intel® Core™ i5-4570S Processor (6M Cache, up to 3.6 GHz); 65W
Intel® Core™ i5-4570TE Processor (4M Cache, up to 3.3 GHz); 35W
Intel® Core™ i3-4360 Processor (4M Cache, 3.7 GHz); 54W
Intel® Core™ i3-4350T Processor (4M Cache, 3.1 GHz); 35W
Intel® Core™ i3-4340TE Processor (4M Cache, 2.6 GHz); 35W
Intel® Core™ i3-4330 Processor (4M Cache, 3.5 GHz); 54W
Intel® Core™ i3-4330TE Processor (4M Cache, 2.4 GHz); 35W
Intel® Pentium® Processor G3420 (3M Cache, 3.2 GHz); 53W
Intel® Pentium® Processor G3320TE (3M Cache, 2.3 GHz); 35W
Intel® Celeron® Processor G1820 (2M Cache, 2.7 GHz); 53W
Intel® Celeron® Processor G1820TE (2M Cache, 2.2 GHz); 35W
Chipset
Intel® H81 Chipset
Memory
Two 240-pin DIMM up to 16GB
Dual Channel DDR3 1333/1600MHz
BIOS
AMI SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
Direct X, Supports 6 Graphics Execution Units (EUs), Intel® Clear Video Technology
Display
1 x VGA
1 x DVI-I (DVI-D signal)
VGA, DVI: resolution up to 1920x1200 @ 60Hz
Dual Displays
VGA + DVI-I (DVI-D signal)
STORAGE
3 x 5.25" Optical Drive Bays (Front Accessible)
1 x 3.5"/2.5" SATA 3.0 Drive Bay (Front Accessible)
EXPANSION
Interface
1 x PCIe x16 (Gen 3)
1 x PCIe x4 (Gen 2) (x1 signal)
4 x PCI (PCI 2.3) (one shared with ISA slot)
2 x ISA
AUDIO
Audio Codec
Realtek ALC886
ETHERNET
Controller
1 x Intel® 82574 PCIe (10/100/1000Mbps)
1 x Intel® I217LM PCIe (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
FRONT I/O
USB
2 x USB 2.0 (available upon request)
Front Door
1 x Drive Panel Door With Keylock
Buttons
1 x Power Switch
1 x Reset Switch
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
2 x RS-232/422/485 (DB-9)
USB
2 x USB 3.0
4 x USB 2.0
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DVI-I (DVI-D signal)
Audio
1 x Line-out
1 x Line-in
1 x Mic-in
Buttons
1 x ATX Switch
COOLING
Fan
2 x 92cm System Fan with Quick Access Filter
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Supply
ATX PS/2 Power Supply 500W
AC Power Input : 90~264V
OS SUPPORT
WES 7
MECHANISM
Construction
SECC, Flexible Hold Down Bar
Dimensions ( W x H x D)
483mm x 177mm x 451mm
Weight
21.7kg
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-20 to 60°C
Relative Humidity
0 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 10G
Vibration
Operating: Random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE, FCC Class A, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com