Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7250 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L7250 Datasheet

  • # Example questions: ➢ What is the typical output resistance ('rout') of this amplifier?
    ➢ What are the two possible settings for 'skothh0' (output window comparator vthhigh) and what determines which setting is used?
    ➢ What is the typical output voltage of the 3v linear regulator, and what is the acceptable tolerance range?

  • Part No.L7250
    ManufacturerSTMICROELECTRONICS
    Size478 Kbytes
    Pages46 pages
    Description5V & 12V SPINDLE AND VCM MOTORS DRIVER
    Datasheet Summary with AI

    Important Notes:

    ️· Typical (Typ) vs. Min/Max: Datasheets often list *typical* values which represent what you'd usually see in testing, and *minimum* and *maximum* values, which define the guaranteed operating range. Designs must account for the Min/Max values to ensure reliability.
    ️· Test Conditions: The values are only valid under specific test conditions (temperature, supply voltage, etc.) defined in the datasheet.
    ️· Registers: Many of the values are configurable via registers within the L7250. The datasheet refers to these registers (e.g., "Reg02H ‘b7’ = 0").



    1. Power Supplies & Regulators

    ️· 1.8V & 3.3V Linear Regulators:
    - 1.8V Output: 1.25V ± 5%
    - 3.3V Output: 3.3V ± 5%
    ️· Negative Regulator:
    - Oscillator Frequency: 500kHz (default) or 1MHz (configurable)
    - Output Voltage (High/Low): Values TBD (To Be Determined - consult full datasheet).

    2. ADC (Analog-to-Digital Converter)

    ️· Resolution: 10 bits
    ️· Differential Non-Linearity (DNL): ±1 LSB (Least Significant Bit)
    ️· Integral Non-Linearity (INL): ±3 LSB
    ️· Conversion Time: 40 ADC Clock Cycles
    ️· Auxiliary Input:
    - Input Range 0: ±1V (Reg06H ‘b3’ = 0)
    - Input Range 1: ±2.25V (Reg06H ‘b3’ = 1)
    - Input Bias: -100µA to +100µA

    3. VCM (Voice Coil Motor) Control/Sensing

    ️· Voltage Amplifier:
    - Gain: 0.165V/V
    - Offset: -15mV to +15mV
    - CMRR (Common Mode Rejection Ratio): 46dB
    - SVRR (Supply Voltage Rejection Ratio): 60dB
    ️· Linear DAC (Digital-to-Analog Converter):
    - Resolution: 15 bits
    - Full Scale Output: 0.96V to 1.04V (referenced to VDACREF)
    - Mid-Scale Error: -12mV to +12mV
    - DNL: ±1 LSB
    - INL: ±64 LSB
    - Conversion Time: 3µs
    ️· BEMF (Back Electromotive Force) Processor Amplifier:
    - Gain 1: 1.91V/V
    - Gain 2: 16V/V
    - Output Resistance: 500 ohms

    4. Shock Sensor

    ️· Input OPAMP:
    - Gain 0: 10 V/V
    - Gain 1: 80dB
    - Offset: -15mV to +15mV
    - Input Impedance: 10Mohm
    ️· Filter OPAMP:
    - Gain: 80dB
    - Unity Gain Bandwidth: 5MHz
    - Offset: -10mV to +10mV
    ️· Output Window Comparators: Thresholds (VthHigh/VthLow) are configurable (0 or 1) and referenced to Vref25 (values of 200mV or 500mV)

    5. General/Other

    ️· Thermal Characteristics: Not explicitly listed in these excerpts, but crucial for design.
    ️· Digital Interfaces: Information about SPI, I2C, or other digital communication protocols is not included here.

    Key Units to Note:

    ️· V: Volts
    ️· mV: Millivolts
    ️· µA: Microamperes
    ️· dB: Decibels (Logarithmic unit for signal strength/attenuation)
    ️· LSB: Least Significant Bit
    ️· MHz: Megahertz (1,000,000 Hz)
    ️· Mohm: Megohms (1,000,000 Ohms)

    Important Next Steps:

    1. Obtain the Full Datasheet: This excerpt is only a portion of the complete datasheet. You *must* get the full document to have a complete understanding of the L7250's capabilities, limitations, and operating requirements.
    2. Review Application Notes: Look for application notes provided by the manufacturer. These will provide example circuits, design guidance, and troubleshooting tips.
    3. Consider the System-Level Design: Think about how the L7250 will integrate into the overall system, including power supply requirements, signal conditioning, and communication interfaces.

    Important Notes:

    ️· Typical (Typ) vs. Min/Max: Datasheets often list *typical* values which represent what you'd usually see in testing, and *minimum* and *maximum* values, which define the guaranteed operating range. Designs must account for the Min/Max values to ensure reliability.
    ️· Test Conditions: The values are only valid under specific test conditions (temperature, supply voltage, etc.) defined in the datasheet.
    ️· Registers: Many of the values are configurable via registers within the L7250. The datasheet refers to these registers (e.g., "Reg02H ‘b7’ = 0").



    1. Power Supplies & Regulators

    ️· 1.8V & 3.3V Linear Regulators:
    - 1.8V Output: 1.25V ± 5%
    - 3.3V Output: 3.3V ± 5%
    ️· Negative Regulator:
    - Oscillator Frequency: 500kHz (default) or 1MHz (configurable)
    - Output Voltage (High/Low): Values TBD (To Be Determined - consult full datasheet).

    2. ADC (Analog-to-Digital Converter)

    ️· Resolution: 10 bits
    ️· Differential Non-Linearity (DNL): ±1 LSB (Least Significant Bit)
    ️· Integral Non-Linearity (INL): ±3 LSB
    ️· Conversion Time: 40 ADC Clock Cycles
    ️· Auxiliary Input:
    - Input Range 0: ±1V (Reg06H ‘b3’ = 0)
    - Input Range 1: ±2.25V (Reg06H ‘b3’ = 1)
    - Input Bias: -100µA to +100µA

    3. VCM (Voice Coil Motor) Control/Sensing

    ️· Voltage Amplifier:
    - Gain: 0.165V/V
    - Offset: -15mV to +15mV
    - CMRR (Common Mode Rejection Ratio): 46dB
    - SVRR (Supply Voltage Rejection Ratio): 60dB
    ️· Linear DAC (Digital-to-Analog Converter):
    - Resolution: 15 bits
    - Full Scale Output: 0.96V to 1.04V (referenced to VDACREF)
    - Mid-Scale Error: -12mV to +12mV
    - DNL: ±1 LSB
    - INL: ±64 LSB
    - Conversion Time: 3µs
    ️· BEMF (Back Electromotive Force) Processor Amplifier:
    - Gain 1: 1.91V/V
    - Gain 2: 16V/V
    - Output Resistance: 500 ohms

    4. Shock Sensor

    ️· Input OPAMP:
    - Gain 0: 10 V/V
    - Gain 1: 80dB
    - Offset: -15mV to +15mV
    - Input Impedance: 10Mohm
    ️· Filter OPAMP:
    - Gain: 80dB
    - Unity Gain Bandwidth: 5MHz
    - Offset: -10mV to +10mV
    ️· Output Window Comparators: Thresholds (VthHigh/VthLow) are configurable (0 or 1) and referenced to Vref25 (values of 200mV or 500mV)

    5. General/Other

    ️· Thermal Characteristics: Not explicitly listed in these excerpts, but crucial for design.
    ️· Digital Interfaces: Information about SPI, I2C, or other digital communication protocols is not included here.

    Key Units to Note:

    ️· V: Volts
    ️· mV: Millivolts
    ️· µA: Microamperes
    ️· dB: Decibels (Logarithmic unit for signal strength/attenuation)
    ️· LSB: Least Significant Bit
    ️· MHz: Megahertz (1,000,000 Hz)
    ️· Mohm: Megohms (1,000,000 Ohms)

    Important Next Steps:

    1. Obtain the Full Datasheet: This excerpt is only a portion of the complete datasheet. You *must* get the full document to have a complete understanding of the L7250's capabilities, limitations, and operating requirements.
    2. Review Application Notes: Look for application notes provided by the manufacturer. These will provide example circuits, design guidance, and troubleshooting tips.
    3. Consider the System-Level Design: Think about how the L7250 will integrate into the overall system, including power supply requirements, signal conditioning, and communication interfaces.

    Part No.L7250
    ManufacturerSTMICROELECTRONICS
    Size478 Kbytes
    Pages46 pages
    Description5V & 12V SPINDLE AND VCM MOTORS DRIVER