| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SC653 Datasheet
# Example questions:
➢ What is the primary purpose of connecting capacitor cbyp and to which ground should it be connected?
➢ The datasheet mentions both gnd1 and gnd2 ground pins. describe how they are intended to be used and if they require connection to a ground plane.
➢ What is the function of the thermal pad and how should it be connected within a circuit design?
1. Core Functionality:
️· Backlight Driver: The SC653 is primarily designed to drive LED backlights (up to four LEDs).
️· Charge Pump: It uses a charge pump to boost the battery voltage to drive the LEDs.
️· LDOs: It includes two Low Dropout Regulators (LDOs) – LDO1 and LDO2 – providing regulated power for other circuitry.
️· Single-Wire Interface: Controlled via a single-wire interface called SemPulse (SPIF pin) for configuration and enabling/disabling functions.
2. Key Electrical Specifications & Parameters (from tables and text):
️· Input Voltage (IN): Accepts battery voltage as input. (Specific range not fully detailed in this excerpt, but it is likely around 2.8-4.2V, based on the examples)
️· Output Voltage (OUT – Charge Pump): Boosted voltage to drive the LEDs (this is dynamically adjusted by the chip).
️· LDO Outputs (LDO1, LDO2): Regulated output voltages (can be configured).
️· LDO Noise: The datasheet shows LDO noise measurements varying depending on load current and input voltage.
️· Load Regulation (LDOs): The LDOs exhibit a change in output voltage based on the load current.
️· Line Regulation (LDOs): The LDOs show a change in output voltage with changes in the input voltage.
️· Ripple: Ripple is present on the charge pump output.
️· Short Circuit Protection: A short circuit protection mechanism is present to protect the output.
3. Pinout Highlights:
️· IN: Battery input.
️· OUT: Charge pump output (LED anodes connect here).
️· LDO1/LDO2: LDO outputs.
️· ENL1/ENL2: Enable pins for LDO1 and LDO2, respectively.
️· SPIF: Control interface.
️· BYP: Bypass pin for the voltage reference.
️· BL1-BL4: LED current sink outputs (connect to LED cathodes).
4. Important Design Considerations:
️· Bypass Capacitors: Bypass capacitors are crucial for stable operation (CBYP, CLDO1, CLDO2).
️· Grounding: A solid ground plane is vital. Multiple ground connections are emphasized.
️· Thermal Management: The thermal pad needs to be connected to the ground plane with multiple vias to dissipate heat.
️· Bucket Capacitors: C1+,- and C2+,- are bucket capacitors related to the charge pump.
️· LED Connections: LED anodes connect to OUT, and cathodes to BL1-BL4.
5. Specific Parameters from Graphs & Charts (approximate):
️· LDO Noise: Varies but can be around 10-30uV at 10Hz-100kHz
️· Line Regulation: LDO voltage change is shown based on input voltage (VIN).
️· Load Regulation: LDO voltage change is shown based on load current (ILOAD).
6. Protection Features:
️· Short Circuit Protection: Available on the output.
In summary, the SC653 is a versatile LED backlight driver with integrated LDOs, controlled by a single-wire interface, and featuring several design considerations for stability, efficiency, and thermal management.
1. Core Functionality:
️· Backlight Driver: The SC653 is primarily designed to drive LED backlights (up to four LEDs).
️· Charge Pump: It uses a charge pump to boost the battery voltage to drive the LEDs.
️· LDOs: It includes two Low Dropout Regulators (LDOs) – LDO1 and LDO2 – providing regulated power for other circuitry.
️· Single-Wire Interface: Controlled via a single-wire interface called SemPulse (SPIF pin) for configuration and enabling/disabling functions.
2. Key Electrical Specifications & Parameters (from tables and text):
️· Input Voltage (IN): Accepts battery voltage as input. (Specific range not fully detailed in this excerpt, but it is likely around 2.8-4.2V, based on the examples)
️· Output Voltage (OUT – Charge Pump): Boosted voltage to drive the LEDs (this is dynamically adjusted by the chip).
️· LDO Outputs (LDO1, LDO2): Regulated output voltages (can be configured).
️· LDO Noise: The datasheet shows LDO noise measurements varying depending on load current and input voltage.
️· Load Regulation (LDOs): The LDOs exhibit a change in output voltage based on the load current.
️· Line Regulation (LDOs): The LDOs show a change in output voltage with changes in the input voltage.
️· Ripple: Ripple is present on the charge pump output.
️· Short Circuit Protection: A short circuit protection mechanism is present to protect the output.
3. Pinout Highlights:
️· IN: Battery input.
️· OUT: Charge pump output (LED anodes connect here).
️· LDO1/LDO2: LDO outputs.
️· ENL1/ENL2: Enable pins for LDO1 and LDO2, respectively.
️· SPIF: Control interface.
️· BYP: Bypass pin for the voltage reference.
️· BL1-BL4: LED current sink outputs (connect to LED cathodes).
4. Important Design Considerations:
️· Bypass Capacitors: Bypass capacitors are crucial for stable operation (CBYP, CLDO1, CLDO2).
️· Grounding: A solid ground plane is vital. Multiple ground connections are emphasized.
️· Thermal Management: The thermal pad needs to be connected to the ground plane with multiple vias to dissipate heat.
️· Bucket Capacitors: C1+,- and C2+,- are bucket capacitors related to the charge pump.
️· LED Connections: LED anodes connect to OUT, and cathodes to BL1-BL4.
5. Specific Parameters from Graphs & Charts (approximate):
️· LDO Noise: Varies but can be around 10-30uV at 10Hz-100kHz
️· Line Regulation: LDO voltage change is shown based on input voltage (VIN).
️· Load Regulation: LDO voltage change is shown based on load current (ILOAD).
6. Protection Features:
️· Short Circuit Protection: Available on the output.
In summary, the SC653 is a versatile LED backlight driver with integrated LDOs, controlled by a single-wire interface, and featuring several design considerations for stability, efficiency, and thermal management.
| Part No. | SC653 |
| Manufacturer | SEMTECH |
| Size | 309 Kbytes |
| Pages | 22 pages |
| Description | Light Management Unit with 2 LDOs and SemPulse짰Interface |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |