Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC653 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 10Page - Semtech Corporation SC653 Datasheet HTML 11Page - Semtech Corporation SC653 Datasheet HTML 12Page - Semtech Corporation SC653 Datasheet HTML 13Page - Semtech Corporation SC653 Datasheet HTML 14Page - Semtech Corporation SC653 Datasheet HTML 15Page - Semtech Corporation SC653 Datasheet HTML 16Page - Semtech Corporation SC653 Datasheet HTML 17Page - Semtech Corporation SC653 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SC653
14
To control LDOs exclusively by software, ENL1 and ENL2
may be permanently terminated to the battery voltage.
ENL1 must be high for the SPIF interface to control LDO1.
When low, ENL1 disables LDO1. ENL2 is used exactly the
same way to enable and disable LDO2.
A 1μF, low ESR capacitor should be used as a bypass
capacitor on each LDO output to reduce noise and ensure
stability. In addition, it is recommended that a nominal
minimum 22nF capacitor be connected between the BYP
pin and the GND1 pin to minimize noise and achieve
optimum power supply rejection. A larger capacitor can
be used for this function, but at the expense of increasing
turn-on time. Capacitors with X7R or X5R ceramic dielec-
tric are strongly recommended for their low ESR and
superior temperature and voltage characteristics. Y5V
capacitors should not be used as their temperature coef-
ficients make them unsuitable for this application.
Shutdown Mode
The device is disabled when the SPIF pin is held low for
the shutdown time specified in the electrical characteris-
tics section. All registers are reset to default condition at
shutdown. Typical current consumption in this mode is
0.1μA.
Sleep Mode
When all LEDs are disabled, sleep mode is activated. This
is a reduced current mode that helps minimize overall
current consumption by disabling the clock and the
charge pump while continuing to monitor the serial
interface for commands. The two LDOs can be enabled
when the device is in sleep mode.
Protection Features
The SC653 provides several protection features to safe-
guard the device from catastrophic failures. These fea-
tures include:
Output Open Circuit Protection
Over-Temperature Protection
Charge Pump Output Current Limit
LDO Current Limit
LED Float Detection
Applications Information (continued)
Output Open Circuit Protection
Over-Voltage Protection (OVP) is provided at the OUT pin
to prevent the charge pump from producing an exces-
sively high output voltage. In the event of an open circuit
at OUT, the charge pump runs in open loop and the
voltage rises up to the OVP limit. OVP operation is hyster-
etic, meaning the charge pump will momentarily turn off
until V
OUT
is sufficiently reduced. The maximum OVP
threshold is 6.0V, allowing the use of a ceramic output
capacitor rated at 6.3V.
Over-Temperature Protection
The Over-Temperature (OT) protection circuit prevents the
device from overheating and experiencing a catastrophic
failure. When the junction temperature exceeds 165°C, the
device goes into thermal shutdown with all outputs dis-
abled until the junction temperature is reduced. All regis-
ter information is retained during thermal shutdown.
Hysteresis of 30°C is provided to ensure that the device
cools sufficiently before re-enabling.
Charge Pump Output Current Limit
The device limits the charge pump current at the OUT pin.
When OUT is shorted to ground, the output current will
typically equal 250mA. The output current is also limited
to 250mA when over-loaded resistively.
LDO Current Limit
The device limits the output currents of LDO1 and LDO2
to help prevent the device from overheating and to
protect the loads. The minimum limit is 200mA, so load
current greater than the rated current and up to 200mA
can be used with degraded accuracy and larger dropout
without tripping the current limit.
LED Float Detection
Float detect is a fault detection feature of the LED current
sink outputs. If an output is programmed to be enabled
and an open circuit fault occurs at any current sink output,
that output will be disabled to prevent a sustained output
OVP condition from occurring due to the resulting open
loop. Float detect ensures device protection but does not
ensure optimum performance. Unused LED outputs must
be disabled to prevent an open circuit fault from
occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com