Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC653 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 6Page - Semtech Corporation SC653 Datasheet HTML 7Page - Semtech Corporation SC653 Datasheet HTML 8Page - Semtech Corporation SC653 Datasheet HTML 9Page - Semtech Corporation SC653 Datasheet HTML 10Page - Semtech Corporation SC653 Datasheet HTML 11Page - Semtech Corporation SC653 Datasheet HTML 12Page - Semtech Corporation SC653 Datasheet HTML 13Page - Semtech Corporation SC653 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SC653
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
BYP
Bypass pin for voltage reference — ground C
BYP
to GND1 on ground island.
2
BL1
Current sink output for main backlight LED 1
leave this pin open if unused
3
BL2
Current sink output for main backlight LED 2
leave this pin open if unused
4
BL3
Current sink output for main backlight LED 3
leave this pin open if unused
5
BL4
Current sink output for main backlight LED 4
leave this pin open if unused
6
SPIF
SemPulse single wire interface pin — used to enable/disable the device and to configure all regis-
ters (refer to Register Map and SemPulse Interface sections)
7
GND1
Ground pin
Ground C
BYP
, C
LDO1
, C
LDO2
to GND1 on ground island.
8
ENL1 (1)
LDO1 enable input — active high
9
ENL2 (2)
LDO2 enable input — active high
10
C2-
Negative connection to bucket capacitor 2
11
C1-
Negative connection to bucket capacitor 1
12
C1+
Positive connection to bucket capacitor 1
13
C2+
Positive connection to bucket capacitor 2
14
OUT
Charge pump output — all LED anode pins should be connected to this pin
15
IN
Battery voltage input
16
GND2
Ground Pin
connect to ground plane
17
LDO1
Output of LDO1 — ground C
LDO1
to GND1 on ground island.
18
LDO2
Output of LDO2 — ground C
LDO2
to GND1 on ground island.
T
THERMAL PAD
Thermal pad for heatsinking purposes — connect to ground plane using multiple vias. This pad is
internally connected to ground and to pins 7 and 16.
NOTES:
(1)
ENL1 must be high for the SPIF interface to control LDO1. When low, ENL1 disables LDO1.
(2)
ENL2 must be high for the SPIF interface to control LDO2. When low, ENL2 disables LDO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com