Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC653 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC653
Description  Light Management Unit with 2 LDOs and SemPulse짰Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC653 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC653 Datasheet HTML 11Page - Semtech Corporation SC653 Datasheet HTML 12Page - Semtech Corporation SC653 Datasheet HTML 13Page - Semtech Corporation SC653 Datasheet HTML 14Page - Semtech Corporation SC653 Datasheet HTML 15Page - Semtech Corporation SC653 Datasheet HTML 16Page - Semtech Corporation SC653 Datasheet HTML 17Page - Semtech Corporation SC653 Datasheet HTML 18Page - Semtech Corporation SC653 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SC653
15
PCB Layout Considerations
The layout diagram in Figure 2 illustrates a proper
two-layer PCB layout for the SC653 and supporting com-
ponents. Following fundamental layout rules is critical for
achieving the performance specified in the Electrical
Characteristics table. The following guidelines
are recommended when developing a PCB layout:
Place all bucket, bypass, and decoupling capaci-
tors — C1, C2, CIN, COUT, CLDO1, CLDO2, and
CBYP as close to the device as possible.
All charge pump current passes through IN,
OUT, and the bucket capacitor connection pins.
Ensure that all connections to these pins make
use of wide traces so that the resistive drop on
each connection is minimized.
The thermal pad should be connected to the
ground plane using multiple vias to ensure
proper thermal connection for optimal heat
transfer.
Applications Information (continued)
The following capacitors — CLDO1, CLDO2, and
CBYP should be grounded together through an
isolated copper island. Using no vias, connect
the island only, to pin 7 as shown in Figure 2.
Figure 3 shows only the vias that should be con-
nected to the ground plane with multiple vias.
Make all ground connections to a solid ground
plane as shown in Figure 4.
All LDO output traces should be made as wide
as possible to minimize resistive losses.
TBD Figure 4 — Layer 2
TBD Figure 2 — Recommended PCB Layout
TBD Figure 3 — Layer 1
C1
C2
OUT
SC653
GND2
1
2
3
4
56
7
89
13
12
11
10
14
15
16
17
18
COUT
Island for
pin 7 GND1
(no vias)
Ground Layer
CBYP
Keep gap
open
Vias to
ground
plane
CLDO2
CLDO1
CIN
IN
Figure 2 — Recommended PCB Layout
Figure 3 — Layer 1
Figure 4 — Layer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com