Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7277 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RT7277 Datasheet

  • # Example questions: ➢ What is the typical soft-start time if a 9nf capacitor is used, and what determines this timing?
    ➢ Describe how to implement digital control on the en pin if the system voltage is below 2v, referencing the document's diagram and component names.
    ➢ The rt7277 utilizes acot mode control. what benefit does this provide in terms of performance?

  • Part No.RT7277
    ManufacturerRICHTEK
    Size311 Kbytes
    Pages14 pages
    Description3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
    Datasheet Summary with AI

    Okay, here's a summary of the provided datasheet excerpt for the Richtek RT7277 synchronous buck converter:

    RT7277 Overview:

    ️· Type: Synchronous Buck Converter
    ️· Input Voltage: 4.5V to 18V
    ️· Output Current: Up to 3A
    ️· Control Method: Advanced Constant On-Time (ACOT) - Provides fast transient response with minimal external components.
    ️· Frequency: Operates at a relatively constant 700kHz switching frequency.

    Key Features & Functionality:

    ️· Soft-Start: Adjustable soft-start timing using an external capacitor connected to the SS pin. (Charge current is 2µA. Soft start time is approximately 1.365ms/nF capacitance.)
    ️· Chip Enable (EN): EN pin controls the device. Can be used with external resistors and capacitors for timing control or with a MOSFET for digital control. Also allows for a resistor divider to set an input lockout threshold.
    ️· PWM Operation: Designed for low external component count, requiring capacitors with appropriate ESR at the output.

    Application Information:

    ️· The document provides circuits and explanations for:
    - External timing control of the EN pin

    - Digital control of the EN pin using a MOSFET
    - Setting an input lockout threshold for the EN pin.

    In essence, the RT7277 is designed as a high-efficiency, easy-to-use buck converter with flexible control options and fast transient response. The datasheet excerpt focuses on the control aspects and auxiliary features, providing application examples for implementing various control strategies.

    RT7277 Overview:

    ️· Type: Synchronous Buck Converter
    ️· Input Voltage: 4.5V to 18V
    ️· Output Current: Up to 3A
    ️· Control Method: Advanced Constant On-Time (ACOT) - Provides fast transient response with minimal external components.
    ️· Frequency: Operates at a relatively constant 700kHz switching frequency.

    Key Features & Functionality:

    ️· Soft-Start: Adjustable soft-start timing using an external capacitor connected to the SS pin. (Charge current is 2µA. Soft start time is approximately 1.365ms/nF capacitance.)
    ️· Chip Enable (EN): EN pin controls the device. Can be used with external resistors and capacitors for timing control or with a MOSFET for digital control. Also allows for a resistor divider to set an input lockout threshold.
    ️· PWM Operation: Designed for low external component count, requiring capacitors with appropriate ESR at the output.

    Application Information:

    ️· The document provides circuits and explanations for:
    - External timing control of the EN pin
    - Digital control of the EN pin using a MOSFET
    - Setting an input lockout threshold for the EN pin.

    In essence, the RT7277 is designed as a high-efficiency, easy-to-use buck converter with flexible control options and fast transient response. The datasheet excerpt focuses on the control aspects and auxiliary features, providing application examples for implementing various control strategies.

    Part No.RT7277
    ManufacturerRICHTEK
    Size311 Kbytes
    Pages14 pages
    Description3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter