Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7277 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT7277
Description  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT7277 Datasheet HTML 1Page - Richtek Technology Corporation RT7277 Datasheet HTML 2Page - Richtek Technology Corporation RT7277 Datasheet HTML 3Page - Richtek Technology Corporation RT7277 Datasheet HTML 4Page - Richtek Technology Corporation RT7277 Datasheet HTML 5Page - Richtek Technology Corporation RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT7277
5
DS7277-00
October 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package. The PCB copper area of exposed pad is 70mm
2.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RDS(ON)
High Side
RDS(ON)_H
--
90
--
Switch On
Resistance
Low Side
RDS(ON)_L
--
60
--
m
Ω
Current Limit
Current Limit
ILIM
3.5
4.1
5.7
A
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
150
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
On-Time Timer Control
On-Time
tON
VIN = 12V, VOUT = 1.05V
--
145
--
ns
Minimum On-Time
tON(MIN)
--
60
--
ns
Minimum Off-Time
tOFF(MIN)
--
230
--
ns
Soft-Start
SS Charge Current
VSS = 0V
1.4
2
2.6
μA
SS Discharge Current
VSS = 0.5V
0.05
0.1
--
mA
UVLO
UVLO Threshold
VIN Rising to Wake up VPVCC
3.55
3.85
4.15
Hysteresis
--
0.3
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com