Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7277 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7277
Description  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation RT7277 Datasheet HTML 10Page - Richtek Technology Corporation RT7277 Datasheet HTML 11Page - Richtek Technology Corporation RT7277 Datasheet HTML 12Page - Richtek Technology Corporation RT7277 Datasheet HTML 13Page - Richtek Technology Corporation RT7277 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT7277
13
DS7277-00 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 7. PCB Layout Guide
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT7277
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
EN
FB
PVCC
SS
VIN
BOOT
GND
SW
GND
2
3
4
5
6
7
8
9
C2
C1
C6
L1
C7
VOUT
C4
C5
R1
R2
GND
Input capacitor must be placed
as close to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The resistor divider must be connected
as close to the device as possible.
SW node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the SW node to prevent stray
capacitive noise pickup.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT7277 feedback pin.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com