Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7277 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7277
Description  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7277 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7277 Datasheet HTML 1Page - Richtek Technology Corporation RT7277 Datasheet HTML 2Page - Richtek Technology Corporation RT7277 Datasheet HTML 3Page - Richtek Technology Corporation RT7277 Datasheet HTML 4Page - Richtek Technology Corporation RT7277 Datasheet HTML 5Page - Richtek Technology Corporation RT7277 Datasheet HTML 6Page - Richtek Technology Corporation RT7277 Datasheet HTML 7Page - Richtek Technology Corporation RT7277 Datasheet HTML 8Page - Richtek Technology Corporation RT7277 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT7277
2
DS7277-00
October 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1
EN
Enable Input. A logic-high enables the converter; a logic-low forces the IC into
shutdown mode reducing the supply current to less than 10
μA.
2
FB
Feedback Input. It is used to regulate the output of the converter to a set
value via an external resistive voltage divider. The feedback threshold voltage
is 0.765V typically.
3
PVCC
Internal Regulator Output. Connect a 1
μF capacitor to GND to stabilize output
voltage.
4
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 3.9nF capacitor sets the
soft-start period of VOUT to 2.6ms.
5, 9
(Exposed Pad)
GND
Ground. The Exposed pad should be soldered to a large PCB and connected
to GND for maximum thermal dissipation.
6
SW
Switch Node. Connect this pin to an external L-C filter.
7
BOOT
Bootstrap Supply for High Side Gate Driver. Connect a 0.1
μF or greater
ceramic capacitor from BOOT to SW pins.
8
VIN
Power Input. The input voltage range is from 4.5V to 18V. Must bypass with a
suitably large (
≥10μF x 2) ceramic capacitor.
Functional Pin Description
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
EN
FB
PVCC
SS
VIN
BOOT
GND
SW
GND
2
3
4
5
6
7
8
9
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT7277
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com