Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5353MPX Datasheet (PDF) - ON Semiconductor

FAN5353MPX Datasheet PDF - ON Semiconductor
Part # FAN5353MPX
Download  FAN5353MPX Download
File Size   1191.8 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 MHz, 3 A Synchronous Buck Regulator

FAN5353MPX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5353MPX Datasheet PDF - ON Semiconductor

Part # FAN5353MPX
Download  FAN5353MPX Click to download

File Size   1191.8 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 MHz, 3 A Synchronous Buck Regulator

FAN5353MPX Datasheet (HTML) - ON Semiconductor


FAN5353MPX Product details

Description
The FAN5353 is a step-down switching voltage regulator that delivers an adjustable output from an input voltage supply of 2.7 V to 5.5 V. Using a proprietary architecture with synchronous rectification, the FAN5353 is capable of delivering 3 A at over 85% efficiency. The regulator operates at a nominal fixed frequency of 3 MHz, which reduces the value of the external components to 470 nH for the output inductor and 10 µF for the output capacitor.

Features
■ 3 MHz Fixed-Frequency Operation
■ Best-in-Class Load Transient
■ 3 A Output Current Capability
■ 2.7 V to 5.5 V Input Voltage Range
■ Adjustable Output Voltage: 0.8 V to 90% of VIN
■ Power Good Output
■ Internal Soft-Start
■ Input Under-Voltage Lockout (UVLO)
■ Thermal Shutdown and Overload Protection
■ 12-Lead, 3 x 3.5 mm MLP

Applications
■ Set-Top Box
■ Hard Disk Drive
■ Communications Cards
■ DSP Power




Similar Part No. - FAN5353MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353MPX FAIRCHILD-FAN5353MPX Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
More results


Similar Description - FAN5353MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
EZBuck??3 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com