Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5353MPX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN5353MPX
Description  3 MHz, 3 A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5353MPX Datasheet(HTML) 4 Page - ON Semiconductor

  FAN5353MPX Datasheet HTML 1Page - ON Semiconductor FAN5353MPX Datasheet HTML 2Page - ON Semiconductor FAN5353MPX Datasheet HTML 3Page - ON Semiconductor FAN5353MPX Datasheet HTML 4Page - ON Semiconductor FAN5353MPX Datasheet HTML 5Page - ON Semiconductor FAN5353MPX Datasheet HTML 6Page - ON Semiconductor FAN5353MPX Datasheet HTML 7Page - ON Semiconductor FAN5353MPX Datasheet HTML 8Page - ON Semiconductor FAN5353MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5353 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum
ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Voltage on SW, PVIN, VCC Pins
IC Not Switching
-0.3
7.0
V
IC Switching
-0.3
6.5
Voltage on Other Pins
-0.3
VCC + 0.3
(3)
V
VINOV_SLEW Maximum Slew Rate of VIN Above 6.5 V when PWM is Switching
15
V/ms
RPGOOD
Pull-Up Resistance from PGOOD to VCC
1
k
Ω
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2
kV
Charged Device Model per JESD22-C101
2
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 7 V or VCC+0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC, VIN
Supply Voltage Range
2.7
5.5
V
VOUT
Output Voltage Range
0.8
90% Duty Cycle
V
IOUT
Output Current
0
3
A
L
Inductor
0.47
µH
CIN
Input Capacitor
10
µF
COUT
Output Capacitor
20
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Unit
θ
JA
Junction-to-Ambient Thermal Resistance
(4)
46
°C/W
Note:
4.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
1s2p boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to exceed junction
temperature TJ(max) at a given ambient temperate TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com