Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3026 Datasheet (PDF) - Renesas Technology Corp

HI3026 Datasheet PDF - Renesas Technology Corp
Part # HI3026
Download  HI3026 Download
File Size   878.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 120 MSPS, Flash A/D Converter

HI3026 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3026 Datasheet PDF - Renesas Technology Corp

Part # HI3026
Download  HI3026 Click to download

File Size   878.64 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 120 MSPS, Flash A/D Converter

HI3026 Datasheet (HTML) - Renesas Technology Corp


HI3026 Product details

Description
The HI3026 is an 8-bit, high-speed, flash analog-to-digital converter optimized for high speed, low power, and ease of use. With a 120 MSPS encode rate capability and full-power analog bandwidth of 150MHz, this component is ideal for applications requiring the highest possible dynamic performance.

Features
• Differential Linearity Error . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Error. . . . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Compensation Circuit
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . 21pF
• Wide Analog Input Bandwidth. . . . . . . . . . . . . . 150MHz
• Low Power Consumption. . . . . . . . . . . . . . . . . . 760mW
• Internal 1/2 Frequency Divider Circuit (w/Reset Function)
• CLK/2 Clock Output
• Compatible with ECL, PECL and TTL Digital Input Levels
• 1:2 Demultiplexed Output Pin
• Surface Mounting Package
• Direct Replacement for Sony CXA3026Q

Applications
• RGB Graphics Processing (LCD, PDP)
• Digital Oscilloscopes
• Digital Communications (QPSK, QAM)
• Magnetic Recording (PRML)




Similar Part No. - HI3026

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3026 INTERSIL-HI3026 Datasheet
207Kb / 17P
8-Bit, 120 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
HI3026AEVAL INTERSIL-HI3026AEVAL Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026AEVAL INTERSIL-HI3026AEVAL Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
More results


Similar Description - HI3026

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI3026 INTERSIL-HI3026 Datasheet
207Kb / 17P
8-Bit, 120 MSPS, Flash A/D Converter
August 1997
logo
Fairchild Semiconductor
SPT7750 FAIRCHILD-SPT7750 Datasheet
90Kb / 8P
8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com