Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514212 Datasheet (PDF) - OKI electronic componets

MSM514212 Datasheet PDF - OKI electronic componets
Part # MSM514212
Download  MSM514212 Download
File Size   1398.72 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5,048-Word x 8-Bit Line Memory

MSM514212 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514212 Datasheet PDF - OKI electronic componets

Part # MSM514212
Download  MSM514212 Click to download

File Size   1398.72 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 5,048-Word x 8-Bit Line Memory

MSM514212 Datasheet (HTML) - OKI electronic componets


MSM514212 Product details

DESCRIPTION
The OKI MSM514212 is a high-performance serial-line memory. It is designed for use in NTSC, PAL or SECAM Video line buffer applications such as digital comb filters in TVs/VTRs, IDTV (Improved Definition Television), time based correction, or other applications that use serial data including facsimiles, digital copy machines, etc. High-reliability and low-power consumption are accomplished by using CMOS dynamic memory cells.

FEATURES
• Single power supply: 5 V ±10%
• Capacity: 5,048 words x 8 bits
• Access: I/O asynchronous
• Access time: 28 ns (min.)
• Cycle time : 28 ns (min.)
• Delay bits: Variable (40 to 5,048)
• Low current consumption: 30 mA (max.)
• Operating voltage range: 4.5 V to 5.5 V
• Operating temperature range : 0°C to 70°C
• Package :
    28-pin 400 mil plastic ZIP (ZIP28-P-400-1.27) (Product : MSM514212-xxZS)
                                                                             xx indicates speed rank.




Similar Part No. - MSM514212

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30JS OKI-MSM514221B-30JS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30RS OKI-MSM514221B-30RS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-30ZS OKI-MSM514221B-30ZS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
MSM514221B-40JS OKI-MSM514221B-40JS Datasheet
154Kb / 15P
262,263-Word x 4-Bit Field Memory
More results


Similar Description - MSM514212

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
5120 x 8-BIT LINE MEMORY
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281 HITACHI-HM530281 Datasheet
1Mb / 39P
331,776 WORD X 8 BIT FRAME MEMORY
logo
OKI electronic componet...
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281R HITACHI-HM530281R Datasheet
311Kb / 47P
331,776-word x 8-bit Frame Memory
logo
OKI electronic componet...
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com