Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733 Datasheet (PDF) - Analog Intergrations Corporation

AIC1733 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1733
Download  AIC1733 Download
File Size   448.5 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA, Low Dropout Linear Regulator with Shutdown

AIC1733 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1733 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1733
Download  AIC1733 Click to download

File Size   448.5 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA, Low Dropout Linear Regulator with Shutdown

AIC1733 Datasheet (HTML) - Analog Intergrations Corporation


AIC1733 Product details

DESCRIPTION

AIC1733 is a 500mA low noise, low dropout linear regulator, and is housed in small SOT-23-5 package. The device is in the “ON” state when the SHDN pin is set to logic high level. An internal P-MOSFET pass transistor is used to achieve 650mV low dropout voltage at 500mA load current. It offers high precision output voltage of ±2%. The quality of low quiescent current and low dropout voltage makes this

device ideal for battery power applications.



FEATURES

Active Low Shutdown Control.

Very Low Quiescent Current.

Very Low Dropout Voltage of 650mV at 500mA Output Current (3.0V Output Version)

1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V Output Voltage.

Short Circuit and Thermal Protection.

±2% Output Tolerance.

Miniature Package: SOT-23-5



APPLICATIONS

PDA

DSC

Notebook

Pagers

Personal Communication Equipment

Cordless Telephones

Portable Instrumentation

Portable Consumer Equipment

Battery Powered Systems

„




Similar Part No. - AIC1733

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-13CV AIC-AIC1733-13CV Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-13CX5 AIC-AIC1733-13CX5 Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-13GV AIC-AIC1733-13GV Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-13GX5 AIC-AIC1733-13GX5 Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-13PV AIC-AIC1733-13PV Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
More results


Similar Description - AIC1733

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com