Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM636165 Datasheet (PDF) - Etron Technology, Inc.

EM636165 Datasheet PDF - Etron Technology, Inc.
Part # EM636165
Download  EM636165 Download
File Size   771.44 Kbytes
Page   74 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1Mega x 16 Synchronous DRAM (SDRAM)

EM636165 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM636165 Datasheet PDF - Etron Technology, Inc.

Part # EM636165
Download  EM636165 Click to download

File Size   771.44 Kbytes
Page   74 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1Mega x 16 Synchronous DRAM (SDRAM)

EM636165 Datasheet (HTML) - Etron Technology, Inc.


EM636165 Product details

Overview

The EM636165 SDRAM is a high-speed CMOS synchronous DRAM containing 16 Mbits. It is internally configured as a dual 512K word x 16 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 512K x 16 bit banks is organized as 2048 rows by 256 columns by 16 bits. Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a BankActivate command which is then followed by a Read or Write command.

The EM636165 provides for programmable Read or Write burst lengths of 1, 2, 4, 8, or full page, with a burst termination option. An auto precharge function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst sequence. The refresh functions, either Auto or Self Refresh are easy to use. By having a programmable mode register, the system can choose the most suitable modes to maximize its performance. These devices are well suited for applications requiring high memory bandwidth and particularly well suited to high performance PC applications



Features

· Fast access time: 4.5/5/5/5.5/6.5/7.5 ns

· Fast clock rate: 200/183/166/143/125/100 MHz

· Self refresh mode: standard and low power

· Internal pipelined architecture

· 512K word x 16-bit x 2-bank

· Programmable Mode registers

   - CAS# Latency: 1, 2, or 3

   - Burst Length: 1, 2, 4, 8, or full page

   - Burst Type: interleaved or linear burst

   - Burst stop function

· Individual byte controlled by LDQM and UDQM

· Auto Refresh and Self Refresh

· 4096 refresh cycles/64ms

· CKE power down mode

· JEDEC standard +3.3V±0.3V power supply

· Interface: LVTTL

· 50-pin 400 mil plastic TSOP II package

· 60-ball, 6.4x10.1mm VFBGA package

· Lead Free Package available for both TSOP II and VFBGA



 




Similar Part No. - EM636165

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
791Kb / 75P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
1M x 16 bit Synchronous DRAM (SDRAM)
EM636165TS-10I/10IG ETRON-EM636165TS-10I/10IG Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-6I/6IG ETRON-EM636165TS-6I/6IG Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
More results


Similar Description - EM636165

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638165 ETRON-EM638165 Datasheet
1Mb / 71P
4Mega x 16 Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
4M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
8M x 16 DDR Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
16Mega x 16 Synchronous DRAM (SDRAM)
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
8Mega x 16 Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
8M x 16 DDR Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com