Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83977CTF Datasheet (PDF) - Winbond

W83977CTF Datasheet PDF - Winbond
Part # W83977CTF
Download  W83977CTF Download
File Size   1008.29 Kbytes
Page   161 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83977CTF Datasheet (PDF)

Go To PDF Page Download Datasheet
W83977CTF Datasheet PDF - Winbond

Part # W83977CTF
Download  W83977CTF Click to download

File Size   1008.29 Kbytes
Page   161 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83977CTF Datasheet (HTML) - Winbond


W83977CTF Product details

GENERAL DESCRIPTION
The W83977EF/CTF is an evolving product from Winbonds most popular I/O chip W83877F --- which integrates the disk drive adapter, serial port (UART), IrDA 1.0 SIR, parallel port, and configurable plug-and-play registers for the whole chip --- plus additional powerful features: ACPI, 8042 keyboard controller with PS/2 mouse support, 14 general purpose I/O ports, full 16-bit address decoding, OnNow keyboard Wake-Up, OnNow mouse Wake-Up and OnNow CIR(W83977CTF only) Wake-Up.

FEATURES
General
 • Plug & Play 1.0A compatible
 • Supports 12 IRQs, 4 DMA channels, full 16-bit address decoding
 • Capable of ISA Bus IRQ Sharing
 • Compliant with Microsoft PC98 Hardware Design Guide
 • Supports DPM (Device Power Management), ACPI
 • Reports ACPI status interrupt by SCI# signal issued from any of the 12 IQRs pins or GPIO xx
 • Programmable configuration settings
 • Single 24/48 Mhz clock input

FDC
 • Compatible with IBM PC AT disk drive systems
 • Variable write pre-compensation with track selectable capability
 • Supports vertical recording format
 • DMA enable logic
 • 16-byte data FIFOs
 • Supports floppy disk drives and tape drives
 • Detects all overrun and underrun conditions
 • Built-in address mark detection circuit to simplify the read electronics
 • FDD anti-virus functions with software write protect and FDD write enable signal (write data signal is forced to be inactive)
 • Supports up to four 3.5-inch or 5.25-inch floppy disk drives
 • Completely compatible with industry standard 82077
 • 360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate • Supports 3-mode FDD, and its Win95 driver
(Continue ...)




Similar Part No. - W83977CTF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977A WINBOND-W83977A Datasheet
1Mb / 207P
WINBOND I/O
W83977AF WINBOND-W83977AF Datasheet
2Mb / 181P
PLUG & PLAY 1.0A COMPLIANT
W83977AF-A WINBOND-W83977AF-A Datasheet
1Mb / 182P
WINBOND I/O
W83977AF-P WINBOND-W83977AF-P Datasheet
1Mb / 182P
WINBOND I/O
W83977AG-A WINBOND-W83977AG-A Datasheet
1Mb / 182P
WINBOND I/O
More results


Similar Description - W83977CTF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
WINBOND I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
WINBOND I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com