Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877F Datasheet (PDF) - Winbond

W83877F Datasheet PDF - Winbond
Part # W83877F
Download  W83877F Download
File Size   1381.15 Kbytes
Page   125 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83877F Datasheet (PDF)

Go To PDF Page Download Datasheet
W83877F Datasheet PDF - Winbond

Part # W83877F
Download  W83877F Click to download

File Size   1381.15 Kbytes
Page   125 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83877F Datasheet (HTML) - Winbond


W83877F Product details

GENERAL DESCRIPTION
One of Winbonds popular series of I/O chips, the W83877F integrates a disk drive adapter, serial port (UART), parallel port, IDE bus interface, and game port decoder onto a single chip. The W83877F is an enhanced version of the W83777F, with additional powerful features such as configurable plug-and-play registers for the whole chip and infrared support in one of the serial ports.

FEATURES
FDC:
● Compatible with IBM PC AT disk drive systems
● Variable write pre-compensation with track selectable capability
● DMA enable logic
● Non-burst mode DMA option
● Supports floppy disk drives and tape drives
● Detects all overrun and underrun conditions
● Data rate and drive control registers
● Built-in address mark detection circuit to simplify the read electronics
● IBM PC system address decoder
● Supports up to two embedded hard disk drives (IDE AT BUS)
● Single 24 MHz crystal input
● FDD anti-virus functions with software write protect and FDD write enable signal, write data signal force inactive
● Supports up to four 3.5-inch or 5.25-inch floppy disk drives
● Completely compatible with industry standard 82077
● 360K/720K/1.2M/1.44M/2.88M format
● 250K, 300K, 500K, 1M bps data transfer rate
● Supports vertical recording format
● 16-byte data FIFOs

UART:
● Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
● MIDI compatible
● Fully programmable serial-interface characteristics:
   - 5, 6, 7 or 8-bit characters
   - Even, odd or no parity bit generation/detection
   - 1, 1.5 or 2 stop bits generation
● Internal diagnostic capabilities:
   - Loop-back controls for communications link fault isolation
   - Break, parity, overrun, framing error simulation
● Programmable baud generator allows division of 1.8461 MHz and 24 MHz by 1 to (216-1)

Parallel Port:
● Compatible with IBM parallel port
● Supports parallel port with bidirectional lines
● Supports Enhanced Parallel Port (EPP)
   - Compatible with IEEE 1284 specification
● Supports Extended Capabilities Port (ECP)
   - Compatible with IEEE 1284 specification
● Extension FDD mode supports disk drive B through parallel port
● Extension Adapter Mode supports pocket devices through parallel port
● Extension 2FDD mode supports disk drives A and B through parallel port
● JOYSTICK mode supports joystick through parallel port

Others:
● Programmable configuration settings
● Immediate or automatic power-down mode for power management
● All hardware power-on settings have internal pull-up or pull-down resistors as default value
● Packaged in 100-pin QFP
● Configurable Plug and Play registers
● Infrared communication port




Similar Part No. - W83877F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATD WINBOND-W83877ATD Datasheet
1Mb / 47P
enhanced version from Winbonds most popular I/O chip W83877F
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
enhanced version from Winbonds most popular I/O chip W83877F
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
I/O chip disk drive adapter
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
WINBOND I/O
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
I/O chip disk drive adapter
More results


Similar Description - W83877F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
WINBOND I/O
W83977CTF WINBOND-W83977CTF Datasheet
1,008Kb / 161P
WINBOND I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
WINBOND I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com