Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877TG Datasheet (PDF) - Winbond

W83877TG Datasheet PDF - Winbond
Part # W83877TG
Download  W83877TG Download
File Size   968.02 Kbytes
Page   154 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83877TG Datasheet (PDF)

Go To PDF Page Download Datasheet
W83877TG Datasheet PDF - Winbond

Part # W83877TG
Download  W83877TG Click to download

File Size   968.02 Kbytes
Page   154 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description WINBOND I/O

W83877TG Datasheet (HTML) - Winbond


W83877TG Product details

GENERAL DESCRIPTION
W83877TF/TG is an enhanced version from Winbonds most popular I/O chip W83877F --- which integrates the disk drive adapter, serial port (UART), IrDA 1.0 SIR, parallel port, configurable Plug-and-Play registers for the whole chip --- plus additional powerful features: ACPI / legacy power management, serial IRQ, and IRQ sharing.

FEATURES
General:
• Plug & Play 1.0A Compliant
• Support 8 IRQs (ISA), or 15 IRQs (Serial IRQ), 3 DMA channels, and 480 re-locatable address
• Capable of ISA Bus IRQ Sharing
• Comply with Microsoft PC 97 Hardware Design Guide
• Support DPM (Device Power Management), ACPI
• Report ACPI status interrupt by SCI signal from SCI pin, serial IRQ IRQSER pin, or IRQ A~H pins
• Single 24MHz/48MHZ clock input

FDC:
• Compatible with IBM PC AT disk drive systems
• Variable write pre-compensation with track selectable capability
• DMA enable logic
• Supports floppy disk drives and tape drives
• Detects all overrun and underrun conditions
• Built-in address mark detection circuit to simplify the read electronics
• FDD anti-virus functions with software write protect and FDD write enable signal (write data signalwas forced to be inactive)
• Supports up to four 3.5-inch or 5.25-inch floppy disk drives
• Completely compatible with industry standard 82077
• 360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
• Supports vertical recording format
• Support 3-mode FDD, and its Win95 driver
• 16-byte data FIFOs

UART:
• Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
• MIDI compatible
• Fully programmable serial-interface characteristics:
   − 5, 6, 7 or 8-bit characters
   − Even, odd or no parity bit generation/detection
   − 1, 1.5 or 2 stop bits generation
• Internal diagnostic capabilities:
   − Loop-back controls for communications link fault isolation
   − Break, parity, overrun, framing error simulation
• Programmable baud generator allows division of 1.8461 MHz and 24 MHz by 1 to (216-1)
• Maximum baud rate is up to 921k bps for 14.768MHz and 1.5M bps for 24MHz

Infrared:
• Supports IrDA version 1.0 SIR protocol with maximum baud rate up to 115.2K bps
• Supports SHARP ASK-IR protocol with maximum baud rate up to 57600 bps

Parallel Port:
• Compatible with IBM parallel port
• Supports PS/2 compatible bi-directional parallel port
• Supports Enhanced Parallel Port (EPP) − Compatible with IEEE 1284 specification
• Supports Extended Capabilities Port (ECP) − Compatible with IEEE 1284 specification
• Extension FDD mode supports disk drive B; and Extension 2FDD mode supports disk drives A and B through parallel port
• Enhanced printer port back-drive current protection

Others:
• Programmable configuration  settings
• Immediate or automatic power-down mode for the power management
• All hardware power-on settings have internal pull-up or pull-down resistors as default value
• Dedicated Infrared Communication Pins

Package:
• 100-pin QFP (W83877TF/TG), and also 100-pin LQFP (W83877TD/TG)

                




Similar Part No. - W83877TG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877TD WINBOND-W83877TD Datasheet
821Kb / 154P
I/O chip disk drive adapter
W83877TF WINBOND-W83877TF Datasheet
821Kb / 154P
I/O chip disk drive adapter
More results


Similar Description - W83877TG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
WINBOND I/O
W83977CTF WINBOND-W83977CTF Datasheet
1,008Kb / 161P
WINBOND I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
WINBOND I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com