Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2015-02S Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2015-02S Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2015-02S
Download  AZ2015-02S Download
File Size   206.7 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2015-02S Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2015-02S Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2015-02S
Download  AZ2015-02S Click to download

File Size   206.7 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2015-02S Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2015-02S Product details

Features
 ESD Protect for 2 Lines with Unidirectional
 ESD Protect for 1 Line with Bidirectional
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air), ±22kV (contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 16A(8/20μs)
 For low operating voltage applications: 5V,
4.2V, 3.3V, 2.5V
 Fast turn-on and Low clamping voltage
 Array of surge rated equivalent TVS diodes
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
Applications
 Notebooks, Desktops, Servers
 Hand Held Portable Applications
 Serial and Parallel Ports
 Power Lines and Low Speed Data Lines of
Electronic Systems.
Description
AZ2015-02S is a design which includes surge
rated clamping cell arrays to protect the power
lines or control lines in an electronic systems.
The AZ2015-02S has been specifically designed
to protect sensitive components which are
connected to power and control lines from
over-voltage caused by Electrostatic Discharging
(ESD), Electrical Fast Transients (EFT), and
Lightning.
AZ2015-02S is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control lines, protecting any downstream
components.
AZ2015-02S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2015-02S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-01H AMAZING-AZ2015-01H Datasheet
151Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2015-01H.R7F AMAZING-AZ2015-01H.R7F Datasheet
151Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2015-01H.R7G AMAZING-AZ2015-01H.R7G Datasheet
151Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
logo
TECH PUBLIC Electronics...
AZ2015-05R TECHPUBLIC-AZ2015-05R Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - AZ2015-02S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2113-04F AMAZING-AZ2113-04F Datasheet
989Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2013/08/01
AZ2113-08F AMAZING-AZ2113-08F Datasheet
160Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
AZ2115-04C AMAZING-AZ2115-04C Datasheet
145Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05C AMAZING-AZ2115-05C Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05S AMAZING-AZ2115-05S Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com