Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2115-05S Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2115-05S Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2115-05S
Download  AZ2115-05S Download
File Size   149.91 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2115-05S Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2115-05S Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2115-05S
Download  AZ2115-05S Click to download

File Size   149.91 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2115-05S Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2115-05S Product details

Features
 ESD Protect for 5 Lines with Unidirectional.
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±16kV (air), ±10kV (contact)
IEC 61000-4-4 (EFT) 35A (5/50ns)
IEC 61000-4-5 (Lightning) 3.5 ~ 6A (8/20μs)
 For low operating voltage applications: 5V,
4.2V, 3.3V, and 2.5V etc.
 Fast turn-on and Low clamping voltage
 Array of surge rated equivalent TVS diodes
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part available
Applications
 Cellular Handsets and Accessories
 Small Panel Modules
 PDA’s
 Portable Devices
 Digital Cameras
 Touch Panels
 Notebooks and Handhelds
 MP3 Players
 Peripherals
Description
AZ2115-05S is a design which includes surge
rated clamping cell arrays to protect the power
lines or data/control lines in an electronic
systems. The AZ2115-05S has been specifically
designed to protect sensitive components which
are connected to power and control lines from
over-voltage caused by Electrostatic Discharging
(ESD), Electrical Fast Transients (EFT), and
Lightning.
AZ2115-05S is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control lines, protecting any downstream
components.
AZ2115-05S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2115-05S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2115-05C AMAZING-AZ2115-05C Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
logo
Shanghai Leiditech Elec...
AZ2115-05C LEIDITECH-AZ2115-05C Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
logo
AMAZING Microelectronic...
AZ2115-05C.R7G AMAZING-AZ2115-05C.R7G Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F.R7G AMAZING-AZ2115-05F.R7G Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
More results


Similar Description - AZ2115-05S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2113-04F AMAZING-AZ2113-04F Datasheet
989Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2013/08/01
AZ2113-08F AMAZING-AZ2113-08F Datasheet
160Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
AZ2115-04C AMAZING-AZ2115-04C Datasheet
145Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05C AMAZING-AZ2115-05C Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com