Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2115-05C Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2115-05C Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2115-05C
Download  AZ2115-05C Download
File Size   149.16 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2115-05C Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2115-05C Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2115-05C
Download  AZ2115-05C Click to download

File Size   149.16 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2115-05C Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2115-05C Product details

Features
 ESD Protect for 5 Lines with Unidirectional.
 Provide Transient protection for each line
directly to
IEC 61000-4-2 (ESD) ±16kV (air), ±10kV (contact)
IEC 61000-4-4 (EFT) 35A (5/50ns)
IEC 61000-4-5 (Lightning) 3.5~6A (8/20μs)
 For low operating voltage applications: 5V,
4.2V, 3.3V, and 2.5V etc.
 Fast turn-on and Low clamping voltage
 Array of surge rated equivalent TVS diodes
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part available
Applications
 Cellular Handsets and Accessories
 Small Panel Modules
 PDA’s
 Portable Devices
 Digital Cameras
 Touch Panels
 Notebooks and Handhelds
 MP3 Players
 Peripherals
Description
AZ2115-05C is a design which includes surge
rated clamping cell arrays to protect the power
lines or data/control lines in an electronic
systems. The AZ2115-05C has been specifically
designed to protect sensitive components which
are connected to power and control lines from
over-voltage caused by Electrostatic Discharging
(ESD), Electrical Fast Transients (EFT), and
Lightning.
AZ2115-05C is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control lines, protecting any downstream
components.
AZ2115-05C may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2115-05C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AZ2115-05C LEIDITECH-AZ2115-05C Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
More results


Similar Description - AZ2115-05C

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2113-04F AMAZING-AZ2113-04F Datasheet
989Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2013/08/01
AZ2113-08F AMAZING-AZ2113-08F Datasheet
160Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
AZ2115-04C AMAZING-AZ2115-04C Datasheet
145Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05S AMAZING-AZ2115-05S Datasheet
149Kb / 7P
Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com