Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFA86561F Datasheet (PDF) - ON Semiconductor

PCFA86561F Datasheet PDF - ON Semiconductor
Part # PCFA86561F
Download  PCFA86561F Download
File Size   224.71 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 60 V, 0.95 m

PCFA86561F Datasheet (PDF)

Go To PDF Page Download Datasheet
PCFA86561F Datasheet PDF - ON Semiconductor

Part # PCFA86561F
Download  PCFA86561F Click to download

File Size   224.71 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel 60 V, 0.95 m

PCFA86561F Datasheet (HTML) - ON Semiconductor


PCFA86561F Product details

Features
• Typical RDS(on) = 0.75 m at VGS = 10 V
• Typical Qg(tot) = 170 nC at VGS = 10 V
• AEC−Q101 Qualified and PPAP Capable
• RoHS Compliant




Similar Part No. - PCFA86561F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86062F ONSEMI-PCFA86062F Datasheet
243Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
June, 2021 ??Rev. 0
PCFA86062WA ONSEMI-PCFA86062WA Datasheet
275Kb / 7P
MOSFET ??Power, N-Channel 100 V, 1.8 m
July, 2021 ??Rev. 0
PCFA86210F ONSEMI-PCFA86210F Datasheet
240Kb / 7P
MOSFET ??Power, N-Channel 150 V, 6.1 m
June, 2021 ??Rev. 1
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
More results


Similar Description - PCFA86561F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF08N60Z ONSEMI-NDF08N60Z Datasheet
118Kb / 6P
N-Channel Power MOSFET 600 V, 0.95 ?
July, 2010 ??Rev. 0
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
NTD5862NT4G ONSEMI-NTD5862NT4G Datasheet
125Kb / 8P
N-Channel Power MOSFET 60 V, 98 A, 5.7 m
July, 2012 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
N-Channel QFET MOSFET 60 V, 20 A, 60 m
logo
Leshan Radio Company
LBSS260DW1T1G LRC-LBSS260DW1T1G Datasheet
432Kb / 5P
N-Channel 60-V Power Mosfet
LN8266DT1AG LRC-LN8266DT1AG Datasheet
585Kb / 5P
N-Channel 60-V Power MOSFET
logo
ON Semiconductor
FDBL9403-F085T6 ONSEMI-FDBL9403-F085T6 Datasheet
217Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.95 m, 300 A
June, 2020 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
logo
STMicroelectronics
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com