Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273358 Datasheet (PDF) - PHOENIX CONTACT

3273358 Datasheet PDF - PHOENIX CONTACT
Part # 3273358
Download  3273358 Download
File Size   715.79 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 YE

3273358 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273358 Datasheet PDF - PHOENIX CONTACT

Part # 3273358
Download  3273358 Click to download

File Size   715.79 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5 YE

3273358 Datasheet (HTML) - PHOENIX CONTACT


3273358 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273350 PHOENIX-3273350 Datasheet
752Kb / 32P
Distribution block - PTFIX 6/6X2,5-FE
Jun 24, 2022
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273354 PHOENIX-3273354 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 BU
Jun 2, 2022
3273356 PHOENIX-3273356 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 RD
Jun 2, 2022
More results


Similar Description - 3273358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273292 PHOENIX-3273292 Datasheet
710Kb / 31P
Distribution block - PTFIX 12X2,5 YE
Jun 22, 2022
3273488 PHOENIX-3273488 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/12X2,5-G YE
Jun 29, 2022
3273422 PHOENIX-3273422 Datasheet
622Kb / 27P
Distribution block - PTFIX 12X2,5-G YE
Jun 22, 2022
3273362 PHOENIX-3273362 Datasheet
711Kb / 32P
Distribution block - PTFIX 6/12X2,5 BN
Jun 13, 2022
3273028 PHOENIX-3273028 Datasheet
855Kb / 35P
Distribution block - PTFIX 12X2,5-NS35 YE
Jul 21, 2022
3273094 PHOENIX-3273094 Datasheet
911Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 YE
Jul 21, 2022
3273160 PHOENIX-3273160 Datasheet
909Kb / 37P
Distribution block - PTFIX 12X2,5-NS35A YE
Jul 21, 2022
3274194 PHOENIX-3274194 Datasheet
915Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS15A YE
Jul 20, 2022
3274128 PHOENIX-3274128 Datasheet
617Kb / 27P
Distribution block - PTFIX 12X2,5-NS15A YE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com