Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273094 Datasheet (PDF) - PHOENIX CONTACT

3273094 Datasheet PDF - PHOENIX CONTACT
Part # 3273094
Download  3273094 Download
File Size   911.7 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-NS35 YE

3273094 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273094 Datasheet PDF - PHOENIX CONTACT

Part # 3273094
Download  3273094 Click to download

File Size   911.7 Kbytes
Page   38 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/12X2,5-NS35 YE

3273094 Datasheet (HTML) - PHOENIX CONTACT


3273094 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with vertical alignment and integrated
supply, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in connection,
Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color:
yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273090 PHOENIX-3273090 Datasheet
906Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 BU
Jun 2, 2022
3273092 PHOENIX-3273092 Datasheet
903Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 RD
Jun 2, 2022
3273096 PHOENIX-3273096 Datasheet
874Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 GN
Jun 3, 2022
3273098 PHOENIX-3273098 Datasheet
906Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 BN
Jun 16, 2022
More results


Similar Description - 3273094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273088 PHOENIX-3273088 Datasheet
905Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 GY
Jun 2, 2022
3273090 PHOENIX-3273090 Datasheet
906Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 BU
Jun 2, 2022
3273092 PHOENIX-3273092 Datasheet
903Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 RD
Jun 2, 2022
3273096 PHOENIX-3273096 Datasheet
874Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 GN
Jun 3, 2022
3273100 PHOENIX-3273100 Datasheet
905Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 WH
Jun 3, 2022
3273106 PHOENIX-3273106 Datasheet
907Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS35 OG
Jun 24, 2022
3273488 PHOENIX-3273488 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/12X2,5-G YE
Jun 29, 2022
3273358 PHOENIX-3273358 Datasheet
715Kb / 32P
Distribution block - PTFIX 6/12X2,5 YE
Jun 22, 2022
3273028 PHOENIX-3273028 Datasheet
855Kb / 35P
Distribution block - PTFIX 12X2,5-NS35 YE
Jul 21, 2022
3273108 PHOENIX-3273108 Datasheet
921Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35-FE
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com