Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273028 Datasheet (PDF) - PHOENIX CONTACT

3273028 Datasheet PDF - PHOENIX CONTACT
Part # 3273028
Download  3273028 Download
File Size   855.22 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS35 YE

3273028 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273028 Datasheet PDF - PHOENIX CONTACT

Part # 3273028
Download  3273028 Click to download

File Size   855.22 Kbytes
Page   35 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS35 YE

3273028 Datasheet (HTML) - PHOENIX CONTACT


3273028 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with vertical alignment, nom. voltage: 690
V, nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4
mm2, mounting type: NS 35/7,5, NS 35/15, color: yellow

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273020 PHOENIX-3273020 Datasheet
856Kb / 35P
Distribution block - PTFIX 6X2,5-NS35-FE
Jul 21, 2022
3273022 PHOENIX-3273022 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 GY
Jun 13, 2022
3273024 PHOENIX-3273024 Datasheet
851Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BU
Jun 2, 2022
3273026 PHOENIX-3273026 Datasheet
849Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 RD
Jun 2, 2022
More results


Similar Description - 3273028

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273026 PHOENIX-3273026 Datasheet
849Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 RD
Jun 2, 2022
3273292 PHOENIX-3273292 Datasheet
710Kb / 31P
Distribution block - PTFIX 12X2,5 YE
Jun 22, 2022
3273032 PHOENIX-3273032 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 BN
Jun 15, 2022
3273034 PHOENIX-3273034 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 WH
Jun 22, 2022
3273040 PHOENIX-3273040 Datasheet
851Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 OG
Jul 6, 2022
3273358 PHOENIX-3273358 Datasheet
715Kb / 32P
Distribution block - PTFIX 6/12X2,5 YE
Jun 22, 2022
3273038 PHOENIX-3273038 Datasheet
853Kb / 35P
Distribution block - PTFIX 12X2,5-NS35 VT
Jul 21, 2022
3273094 PHOENIX-3273094 Datasheet
911Kb / 38P
Distribution block - PTFIX 6/12X2,5-NS35 YE
Jul 21, 2022
3274128 PHOENIX-3274128 Datasheet
617Kb / 27P
Distribution block - PTFIX 12X2,5-NS15A YE
Jul 20, 2022
3273554 PHOENIX-3273554 Datasheet
480Kb / 19P
Distribution block - PTFIX 12X4-NS35 YE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com