Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATCDB12 Datasheet (PDF) - Analog Technologies, Inc.

ATCDB12 Datasheet PDF - Analog Technologies, Inc.
Part # ATCDB12
Download  ATCDB12 Download
File Size   202.01 Kbytes
Page   2 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Adjustable Capacitor Decade Box

ATCDB12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATCDB12 Datasheet PDF - Analog Technologies, Inc.

Part # ATCDB12
Download  ATCDB12 Click to download

File Size   202.01 Kbytes
Page   2 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Adjustable Capacitor Decade Box

ATCDB12 Datasheet (HTML) - Analog Technologies, Inc.


ATCDB12 Product details

MAIN FEATURES
 Wide Adjustable Range: 1pF to 100μF
 High Adjustment Resolution: 1pF
 High Accuracy: ±5%
 Compact Size
 Durable Metal Enclosure
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATIONS
 Tuning Networks
 Doing Experiments

DESCRIPTIONS
ATCDB12 is an accurate knob dial type capacitor decade box.
Because of the main features listed above, it is a very useful
tool for tuning analog electronic circuits where changing a
capacitance is necessary.




Similar Part No. - ATCDB12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
10 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ATC ARCH-ATC Datasheet
401Kb / 5P
AC-DC Power Module
logo
Eaton All Rights Reserv...
ATC EATON-ATC Datasheet
477Kb / 4P
Blade fuses
logo
M-System Co.,Ltd.
ATC MSYSTEM-ATC Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
logo
YAGEO Corporation
ATC YAGEO-ATC Datasheet
1Mb / 7P
Miniature, High power, Wirewound ATC Series
August 31, 2023 V.1
More results


Similar Description - ATCDB12

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
PRT-13867 SPARKFUN-PRT-13867 Datasheet
92Kb / 1P
Adjustable Parts Box
9/13/2016
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
1412 IET-1412 Datasheet
209Kb / 2P
Decade Capacitor
April 2020
1413 IET-1413 Datasheet
240Kb / 2P
Precision Decade Capacitor
Aug. 2015
1419 IET-1419 Datasheet
216Kb / 1P
Decade Capacitor
Dec. 2020
1423 IET-1423 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com