Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1419 Datasheet (PDF) - IET Labs Inc.

1419 Datasheet PDF - IET Labs Inc.
Part # 1419
Download  1419 Download
File Size   216.78 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Decade Capacitor

1419 Datasheet (PDF)

Go To PDF Page Download Datasheet
1419 Datasheet PDF - IET Labs Inc.

Part # 1419
Download  1419 Click to download

File Size   216.78 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Decade Capacitor

1419 Datasheet (HTML) - IET Labs Inc.


1419 Product details

• Working decade capacitor for 2-terminal measurements
• Low dissipation factor < 0.0003
• Calibration of LCR meters and other instruments
• Calibration of multimeters
• 100 pF to 100 nF decade steps
• 0.5% capacitance accuracy for 2-terminal measurements




Similar Part No. - 1419

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1419 VISHAY-1419 Datasheet
111Kb / 2P
Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
logo
API Technologies Corp
1419 APITECH-1419 Datasheet
539Kb / 1P
Medium Power
logo
List of Unclassifed Man...
1419-1 ETC2-1419-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1419-1 KEYSTONE-1419-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1419-2 ETC2-1419-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results


Similar Description - 1419

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
Decade Counter
August, 2000 ??Rev. 4
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
Decade Counter
August, 2005 ??Rev. 6
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
logo
IET Labs Inc.
1412 IET-1412 Datasheet
209Kb / 2P
Decade Capacitor
April 2020
1413 IET-1413 Datasheet
240Kb / 2P
Precision Decade Capacitor
Aug. 2015
1423 IET-1423 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com