Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1412 Datasheet (PDF) - IET Labs Inc.

1412 Datasheet PDF - IET Labs Inc.
Part # 1412
Download  1412 Download
File Size   209.1 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Decade Capacitor

1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
1412 Datasheet PDF - IET Labs Inc.

Part # 1412
Download  1412 Click to download

File Size   209.1 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Decade Capacitor

1412 Datasheet (HTML) - IET Labs Inc.


1412 Product details

Features:
• Verification and calibration of LCR meters
• Capacitance measurement functions
• Verification and calibration of multimeters
• 50 pF to > 1 μF
• Better than 1 pF resolution
• Accuracy of ± (0.5% + 5 pF)
• Low loss, leakage, dielectric absorption
DESCRIPTION
For decades of polystyrene capacitors and a variable
air capacitors are used, mounted in a double-shield
box. The double shielding provides 2-terminal and
3-terminal capacitance’s that are the same except for
the capacitance between the terminals.
The variable air capacitor with a linear ΔC of 100
pF and a resolution of better than 1 pF provides
continuous adjustment between the 100 pF steps of
the smallest decade.




Similar Part No. - 1412

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
1412 ABBATRON-1412 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1412-1 ETC2-1412-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1412-1 KEYSTONE-1412-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1412-2 ETC2-1412-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1412-2 KEYSTONE-1412-2 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
More results


Similar Description - 1412

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
Decade Counter
August, 2000 ??Rev. 4
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
Decade Counter
August, 2005 ??Rev. 6
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
logo
IET Labs Inc.
1413 IET-1413 Datasheet
240Kb / 2P
Precision Decade Capacitor
Aug. 2015
1419 IET-1419 Datasheet
216Kb / 1P
Decade Capacitor
Dec. 2020
1423 IET-1423 Datasheet
236Kb / 1P
Precision Decade Capacitor
Dec. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com