Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4 Datasheet (PDF) - 4D Systems Pty Ltd

SW4 Datasheet PDF - 4D Systems Pty Ltd
Part # SW4
Download  SW4 Download
File Size   3968.33 Kbytes
Page   20 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description microOLED Display Modules

SW4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4 Datasheet PDF - 4D Systems Pty Ltd

Part # SW4
Download  SW4 Click to download

File Size   3968.33 Kbytes
Page   20 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description microOLED Display Modules

SW4 Datasheet (HTML) - 4D Systems Pty Ltd


SW4 Product details

Description
The uOLED-160G2 is an impressive OLED display module in the 4D Systems microOLED graphics display range. Combining a resolution of 1.7” 160x128 pixels with 65K True to Life colours, this display module is perfect for animations, slideshows and other multimedia presentations. It is the ideal size for attractive embedded display applications.
This module brings to life a breath-taking 1.7” Passive Matrix OLED (PMOLED) screen, which is the biggest uOLED module available in its range. Driving the module and its peripherals is the GOLDELOX processor, a very capable chip which provides impressive graphics power, programmed with 4D Systems Workshop IDE Software.
4D Systems Workshop enables graphic solutions to be constructed rapidly and with ease due to its design
being solely for 4D’s graphics controllers.
The uOLED-160G2 has a modest but comprehensive range of features suited for an application requiring a bright eye catching display, an analog input, Dallas 1-wire sensor capability, audio generation, or simply digital I/O. This is truly an impressive little module.

Features
• Low-cost 1.7” OLED display graphics user interface solution.
• 160 x 128 resolution, RGB 65K true to life colours, PMOLED Screen.
• No back lighting with near 180° viewing angle.
• Easy 10 pin interface to any host device: 3.3Vout, IO2, GND, IO1, RESET, GND, RX, TX, +5V, 5V OUT
• Powered by the 4D-Labs GOLDELOX processor (also available as separate OEM IC).
• 10KB of flash memory for user code storage and 510 bytes of RAM for user variables (255 x 16bit vars).
• Asynchronous hardware serial UART port with auto-baud, TTL interface, with 300 to 600K baud
• 2 x General Purpose I/O pins.
• IO1 supports:
◦ Digital I/O
◦ A/D Converter with 8/0 bit resolution
◦ Complex sound generation
◦ Dedicated RTTTL tune engine
◦ Multi-Switch Joystick, Buttons
◦ Dallas 1-Wire
• IO2 supports:
◦ Digital I/O
◦ Complex sound generation
◦ Dedicated RTTTL tune engine
• On board micro-SD memory card adaptor for multimedia storage and data logging purposes. HC memory card support is also available for cards larger than 4GB.
• Built in extensive 4DGL graphics and system library functions
• Display full colour images, animations, icons and video clips (no audio support for video).
• Supports all available Windows fonts and characters (imported as external fonts).
• 4.0V to 5.5V range operation (single supply), nominal 5.0V.
• Module dimensions: 52.1 x 36.0 x 13.8 mm (including mounting tabs and header pins)
• Weight ~ 13g.
• Display Viewing Area: 33.6 x 27.0 mm
• RoHS Compliant.




Similar Part No. - SW4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW4 ALPHAWIRE-SW4 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
SW40 ALPHAWIRE-SW40 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW4009D TTELEC-SW4009D Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009H TTELEC-SW4009H Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009U-VI TTELEC-SW4009U-VI Datasheet
367Kb / 2P
USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
More results


Similar Description - SW4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UOLED-96-G2 ETC2-UOLED-96-G2 Datasheet
1Mb / 18P
0.96"microOLED GOLDELOX Display
UOLED-128-G2 ETC2-UOLED-128-G2 Datasheet
1Mb / 18P
1.5??microOLED GOLDELOX Display
UOLED-160-G2 ETC2-UOLED-160-G2 Datasheet
1Mb / 18P
1.7??microOLED GOLDELOX Display
UTOLED-20-G2 ETC2-UTOLED-20-G2 Datasheet
1Mb / 17P
2.0" Transparent OLED Display microOLED GOLDELOX Module
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
LED Display Modules
07-Dec-12
logo
4D Systems Pty Ltd
UOLED-96G2 4DSYSTEMS-UOLED-96G2 Datasheet
3Mb / 19P
microOLED Display Modules
06th MARCH 2019/REVISION: 1.6
UOLED-128G2 4DSYSTEMS-UOLED-128G2 Datasheet
2Mb / 20P
microOLED Display Modules
19th September 2019/REVISION: 1. 7
logo
Vishay Siliconix
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
Plasma Display Modules
24-Nov-00
LEE-128G032B VISHAY-LEE-128G032B_V02 Datasheet
137Kb / 3P
LED Display Modules
07-Dec-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com