Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4 Datasheet(PDF) 7 Page - 4D Systems Pty Ltd

Part # SW4
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW4 Datasheet(HTML) 7 Page - 4D Systems Pty Ltd

Back Button SW4 Datasheet HTML 3Page - 4D Systems Pty Ltd SW4 Datasheet HTML 4Page - 4D Systems Pty Ltd SW4 Datasheet HTML 5Page - 4D Systems Pty Ltd SW4 Datasheet HTML 6Page - 4D Systems Pty Ltd SW4 Datasheet HTML 7Page - 4D Systems Pty Ltd SW4 Datasheet HTML 8Page - 4D Systems Pty Ltd SW4 Datasheet HTML 9Page - 4D Systems Pty Ltd SW4 Datasheet HTML 10Page - 4D Systems Pty Ltd SW4 Datasheet HTML 11Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 7 of 20
www.4dsystems.com.au
4.3. System Pins
+5V (Module Voltage Input)
Pin 1:
Module supply voltage input pin. This pin must be
connected to a regulated supply voltage in the range
of 4.0 Volts to 5.5 Volts DC. Nominal operating voltage
is 5.0 Volts.
5V Out(~4.7V)
Pin 2:
External circuitry that requires approximately 5V
supply can be powered up via this pin. Maximum
available current is 50 mA
GND (Module Ground)
Pins 7, 8:
Device ground pins. These pins must be connected to
ground
RESET (Module Master Reset)
Pin 9:
Module Master Reset pin. An active low pulse of
greater than 2 micro-seconds will reset the module.
Internally pulled up to 3.3V via a 4.7K resistor. Only use
open collector type circuits to reset the device if an
external reset is required.
3.3 Vout (3.3V Regulated Output)
Pin 10:
External circuitry that requires a regulated 3.3 V
supply can be powered up via this pin. Maximum
available current is 50mA.
5. Module Features
The
uOLED-160G2
module
is
designed
to
accommodate most applications. Some of the main
features of the module are listed below.
5.1. Display – 1.7” PMOLED
The uOLED-160G2 is equipped with a full colour
PMOLED screen. Some of the features of the screen
are:
◦
Screen Size: 1.7” diagonal
◦
160 x 128 Resolution PMOLED display
◦
Screen Dimensions: 40.0 x 33.5 mm.
◦
Viewing Area: 33.6 x 27 mm
◦
65K true to life colours
◦
Brightness: 100 cd/m2
◦
Contrast Ratio: 5000:1
◦
Viewing Angle: > 160 degrees
◦
No Back lighting
Note: The Displays used are the highest rated ‘Grade
A’ Displays, which allow for 0-4 defective pixels. A
defective pixel could be solid Black (Dead), White, Red,
Green or Blue
5.2. Goldelox Processor
The module is designed around the GOLDELOX
Graphics Processor from 4D-Labs
The GOLDELOX is a custom embedded graphics
processor designed to interface with many popular
OLED and LCD display panels. Powerful graphics, text,
image, animation and countless more features are
built right inside the chip. It offers a simple plug-n-play
interface to many 8bit 80-Series colour LCD and OLED
displays.
The chip is designed to work with minimal design
effort and all of the data and control signals are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com