Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4 Datasheet(PDF) 6 Page - 4D Systems Pty Ltd

Part # SW4
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW4 Datasheet(HTML) 6 Page - 4D Systems Pty Ltd

Back Button SW4 Datasheet HTML 2Page - 4D Systems Pty Ltd SW4 Datasheet HTML 3Page - 4D Systems Pty Ltd SW4 Datasheet HTML 4Page - 4D Systems Pty Ltd SW4 Datasheet HTML 5Page - 4D Systems Pty Ltd SW4 Datasheet HTML 6Page - 4D Systems Pty Ltd SW4 Datasheet HTML 7Page - 4D Systems Pty Ltd SW4 Datasheet HTML 8Page - 4D Systems Pty Ltd SW4 Datasheet HTML 9Page - 4D Systems Pty Ltd SW4 Datasheet HTML 10Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 6 of 20
www.4dsystems.com.au
Joystick – Multi Switch:
Multiple buttons or a multi-switch Joystick can be
connected to the IO1 pin on the uOLED-160G2
module. Up to five buttons or a 5 position multi-switch
joystick connects to a junction of a resistor ladder
network that forms a voltage divider. The A/D
converter of the IO1 pin internally reads the analogue
value and decodes it accordingly. This feature is
supported by dedicated 4DGL library functions. The
following diagrams indicate how to connect up to five
individual buttons or a multi switch joystick to the IO1
pin.
Unused buttons do not need resistors to be connected
to the circuit. Table below lists the buttons and
corresponding resistor values.
Dallas 1-Wire
The Dallas 1-Wire protocol is a form of serial
communications designed to operate over a single
data line plus ground reference. Multiple 1 Wire
devices can be attached to the same shared data line
to network many devices. One wire device support is
available on both the IO1 and the IO2 pins on the
uOLED-160G2 module.
The following diagram depicts a typical 1-Wire
temperature sensor interface
.
Sound Output:
The uOLED-160G2 module is capable of generating
complex sounds and RTTL tunes from its IO1 and IO2
pins. A simple speaker circuit as shown below can be
utilised.
GPIO Functions and Features
Number of
Buttons
Button Number
Resistor
Value
1
SW1
22K
2
SW2
10K
3
SW3
4.7K
4
SW4
2.2K
5
SW5
1.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com