Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW4 Datasheet(PDF) 11 Page - 4D Systems Pty Ltd

Part # SW4
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW4 Datasheet(HTML) 11 Page - 4D Systems Pty Ltd

Back Button SW4 Datasheet HTML 7Page - 4D Systems Pty Ltd SW4 Datasheet HTML 8Page - 4D Systems Pty Ltd SW4 Datasheet HTML 9Page - 4D Systems Pty Ltd SW4 Datasheet HTML 10Page - 4D Systems Pty Ltd SW4 Datasheet HTML 11Page - 4D Systems Pty Ltd SW4 Datasheet HTML 12Page - 4D Systems Pty Ltd SW4 Datasheet HTML 13Page - 4D Systems Pty Ltd SW4 Datasheet HTML 14Page - 4D Systems Pty Ltd SW4 Datasheet HTML 15Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 11 of 20
www.4dsystems.com.au
This enables the user to use their favourite
microcontroller or serial device as the Host, without
having to learn 4DGL or program in a separate IDE.
Once the display module is configured by the Serial
Environment (by downloading what is called the SPE
application to the module), commands can be sent
from the users host microcontroller to display
primitives, images, sound and video, and can even be
used to display ViSi generated graphics and widgets.
The Serial Environment should not be taken as being
basic in terms of its capabilities, as it has the full 4DGL
command set behind it, but available from the Host
rather than from programming the display module
itself using the Workshop4 IDE.
Virtually anything created in Designer or ViSi, can be
designed or controlled from the Serial Environment.
Please refer to the “Goldelox Serial Command Set
Reference Manual” from the Workshop 4 product
page on the 4D Systems website for a complete listing
of all the supported Serial commands
9.4. PmmC/Firmware Programming
The Goldelox processor on the uOLED-160G2 module
can be reprogrammed with the latest PmmC
configuration for updates and future proofing. The
chip-level configuration is available as a PmmC
(Personality-module-micro-Code)
file
and
the
programming must be performed over the serial
interface. The chip-resident internal 4DGL functions
are part of the GOLDELOX PmmC configuration file so
please check regularly for the latest updates and
enhancements.
The PmmC file is programmed into the device with the
aid of Workshop4, the 4D Systems IDE software (See
Section 10). To provide a link between the PC and the
ICSP interface, a specific 4D Programming Cable is
required and is available from 4D Systems.
Using a non4-D programming interface could damage
your display, and void your Warranty.
10. Starter kit
4D Systems highly recommends all first time buyers of
4D Systems’ displays, to purchase the Starter Kit when
purchasing their first 4D Systems display solution.
The Starter Kit provides all the hardware that is
required to get the User up and running.
Not all development environments and features will
be needed by every User. However, by purchasing the
display solution in a Starter Kit allows you to take full
advantage of all of the features of the 4D Systems
Display Solution and try out each of the 4D Woskshop4
Environments prior to settling with the preferred
feature-set.
The Designer environment can utilise every feature of
the display, however depending on the user
requirements, a micro-SD (uSD) card may not be
required. The uSD card is used when displaying
images/video/sound, along with datalogging to uSD,
and a programming cable or adaptor is required for
downloading compiled code and PmmC/Firmware
updates.
The ViSi environment is the same as Designer in terms
of feature utilisation, but is image based so requires a
uSD card, along with a programming cable.
The Serial environment does not require either a uSD
or Programming cable to be used once the module has
been configured as a Serial device, however can utilise
both depending on the user requirements. The uSD
card can be used for such things as storage and display
of multimedia files, datalogging, and the Programming
cable for PmmC/Firmware updates, or changing to one
of the other three programming environments.
Starter Kits typically include:
uOLED-160G2 Display Module
uUSB-PA5-II Programming Adaptor
4GB micro-SD Card
5-way Male to Male adaptor (for converting
the Female-Female cable to be Male-Female)
150mm 5 way Female-Female jumper cable,
for quick connection to another device or
breadboard
Quick Start Guide
Please refer to the 4D Systems website for current
components included in the Starter Kit.
Simply select the Starter Kit option when purchasing
the chosen display module on the 4D Systems
shopping cart, or from your local distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com