Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRDI Datasheet (PDF) - Littelfuse

KRDI Datasheet PDF - Littelfuse
Part # KRDI
Download  KRDI Download
File Size   643.56 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Interval

KRDI Datasheet (PDF)

Go To PDF Page Download Datasheet
KRDI Datasheet PDF - Littelfuse

Part # KRDI
Download  KRDI Click to download

File Size   643.56 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Dedicated - Interval

KRDI Datasheet (HTML) - Littelfuse


KRDI Product details

Description
The KRDI Series is a compact time-delay relay measuring only
2 in. (50.8 mm) square. Its solid-state timing circuit provides
excellent repeat accuracy and stability. Encapsulation protects
against shock, vibration, and humidity. The KRDI Series is a cost
effective approach for OEM applications that require small size,
isolation, reliability, and long life.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output relay energizes during the time delay. At the end of the
time delay, the output de-energizes and remains de-energized
until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.

FEATURES BENEFITS
Compact, low cost
design measuring 2 in.
(50.8mm) square
Allows flexiblility for OEM applications
Microcontroller based Repeat Accuracy + / - 0.5%,
Factory calibration + / - 5%
Isolated, 10A, SPDT
output contacts Allows control of loads for AC or DC voltages
Encapsulated Protects against shock, vibration, and humidity




Similar Part No. - KRDI

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KRD10F-1212 VOLGEN-KRD10F-1212 Datasheet
142Kb / 5P
PCB Mountable Switching Power
KRD10F-1515 VOLGEN-KRD10F-1515 Datasheet
142Kb / 5P
PCB Mountable Switching Power
logo
Littelfuse
KRD3 LITTELFUSE-KRD3 Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3420A LITTELFUSE-KRD3420A Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KRD3421A LITTELFUSE-KRD3421A Datasheet
587Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Similar Description - KRDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EBACT2310H ETC2-EBACT2310H Datasheet
29Kb / 2P
Timers Interval
logo
Littelfuse
ERDI LITTELFUSE-ERDI Datasheet
494Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-061016
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSPU LITTELFUSE-KSPU Datasheet
435Kb / 2P
Dedicated - Interval
2016 Rev: 1-A-062116
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com