Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1841899 Datasheet (PDF) - PHOENIX CONTACT

1841899 Datasheet PDF - PHOENIX CONTACT
Part # 1841899
Download  1841899 Download
File Size   496.78 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PSC 1,5/ 5-M

1841899 Datasheet (PDF)

Go To PDF Page Download Datasheet
1841899 Datasheet PDF - PHOENIX CONTACT

Part # 1841899
Download  1841899 Click to download

File Size   496.78 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PSC 1,5/ 5-M

1841899 Datasheet (HTML) - PHOENIX CONTACT


1841899 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: PSC 1,5/..-
M, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Zigzag pinning W, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: PSC 1,5, Electrical properties:
shielded, Pin connector pattern alignment: Standard, locking: Screw locking, mounting:
Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Shroud for professional EMC shield feed-through on the inside of the device
• Screwable flange for superior mechanical stability




Similar Part No. - 1841899

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1841890000 WEIDMULLER-1841890000 Datasheet
379Kb / 5P
SL-SMT 3.50/05/90LF 3.2SN BK BX
logo
PHOENIX CONTACT
1841898 PHOENIX-1841898 Datasheet
83Kb / 5P
PCB terminal block - MKDSP 95/ 5-20,0-F
More results


Similar Description - 1841899

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1689323 PHOENIX-1689323 Datasheet
70Kb / 4P
Contact insert - VS-PSC 1,5/5-M PE
1688825 PHOENIX-1688825 Datasheet
94Kb / 5P
Contact insert - VS-PSC 1,5/5-M
09/11/2020
1689336 PHOENIX-1689336 Datasheet
94Kb / 5P
Contact insert - VS-PSC 1,5/3-M PE
09/11/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1841857 PHOENIX-1841857 Datasheet
493Kb / 10P
PCB header - PSC 1,5/ 3-M
Jul 21, 2022
1841912 PHOENIX-1841912 Datasheet
384Kb / 11P
Printed-circuit board connector - PSC 1,5/ 5-F
Jul 21, 2022
1848122 PHOENIX-1848122 Datasheet
484Kb / 10P
PCB header - PSC 1,5/ 3-M-PE
Jan 4, 2023
1848135 PHOENIX-1848135 Datasheet
496Kb / 10P
PCB header - PSC 1,5/ 5-M-PE
Jan 4, 2023
1842940 PHOENIX-1842940 Datasheet
666Kb / 17P
PCB header - MCD 1,5/ 5-G1F-3,81
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com